Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E331 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST72E331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E331 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST72E331 Datasheet HTML 29Page - STMicroelectronics ST72E331 Datasheet HTML 30Page - STMicroelectronics ST72E331 Datasheet HTML 31Page - STMicroelectronics ST72E331 Datasheet HTML 32Page - STMicroelectronics ST72E331 Datasheet HTML 33Page - STMicroelectronics ST72E331 Datasheet HTML 34Page - STMicroelectronics ST72E331 Datasheet HTML 35Page - STMicroelectronics ST72E331 Datasheet HTML 36Page - STMicroelectronics ST72E331 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
33/107
ST72E331 ST72T331
5.2 EEPROM (EEP)
5.2.1 Introduction
The Electrically Erasable Programmable Read
Only Memory is used to store data that need a non
volatile back-up. The use of the EEPROM requires
a basic protocol described in this chapter.
5.2.2 Main Features
s
Up to 16 bytes programmed in the same cycle
s
EEPROM mono-voltage (charge pump)
s
Chained erase and programming cycles
s
Internal control of the global programming cycle
duration
s
End of programming cycle interrupt flag
s
WAIT mode management
Figure 22. EEPROM Block Diagram
BUFFER
ROW
DECODER
16*8 BITS
DATA LATCHES
DATA
MULTIPLEXER
HIGH VOLTAGE PUMP
EEPROM
MEMORY
MATRIX
1 ROW = 16 * 8 BITS
ADDRESS
DECODER
ADDRESS
BUS
DATA
BUS
E2ITE E2LAT E2PGM
EEPCR
RESERVED
.
.
.
.
.
.
128
128
8
8
4
4
12
INTERRUPT
REQUEST
FALLING
EDGE
DETECTOR
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com