Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E331 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72E331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E331 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72E331 Datasheet HTML 16Page - STMicroelectronics ST72E331 Datasheet HTML 17Page - STMicroelectronics ST72E331 Datasheet HTML 18Page - STMicroelectronics ST72E331 Datasheet HTML 19Page - STMicroelectronics ST72E331 Datasheet HTML 20Page - STMicroelectronics ST72E331 Datasheet HTML 21Page - STMicroelectronics ST72E331 Datasheet HTML 22Page - STMicroelectronics ST72E331 Datasheet HTML 23Page - STMicroelectronics ST72E331 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
20/107
ST72E331 ST72T331
RESET (Cont’d)
3.2.4 Low Voltage Detector Reset
The on-chip Low Voltage Detector (LVD) gener-
ates a static reset when the supply voltage is be-
low a reference value. The LVD functions both
during power-on as well as when the power supply
drops (brown-out). The reference value for a volt-
age drop is lower than the reference value for pow-
er-on in order to avoid a parasitic reset when the
MCU starts running and sinks current on the sup-
ply (hysteresis).
The LVD Reset circuitry generates a reset when
VDD is below:
VLVDUP when VDD is rising
VLVDDOWN when VDD is falling
Provided the minimun VDD value (guaranteed for
the oscillator frequency) is above VLVDDOWN , the
MCU can only be in two modes:
- under full software control or
- in static safe reset
In this condition, secure operation is always en-
sured for the application without the need for ex-
ternal reset hardware.
During a Low Voltage Detector Reset, the RESET
pin is held low, thus permitting the MCU to reset
other devices.
In noisy environments, the power supply may drop
for short periods and cause the Low Voltage De-
tector to generate a Reset too frequently. In such
cases, it is recommended to use devices without
the LVD Reset option and to rely on the watchdog
function to detect application runaway conditions.
Figure 14. Low Voltage Detector Reset Function
Figure 15. Low Voltage Detector Reset Signal
Note: See electrical characteristics for values of
VLVDUP and VLVDDOWN
Figure 16. Temporization timing diagram after an internal Reset
LOW VOLTAGE
DETECTOR RESET
VDD
FROM
WATCHDOG
RESET
RESET
RESET
VDD
VLVDUP
VLVDDOWN
VDD
Addresses
$FFFE
Temporization (4096 CPU clock cycles)
VLVDUP
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com