Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E331 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72E331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E331 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72E331 Datasheet HTML 5Page - STMicroelectronics ST72E331 Datasheet HTML 6Page - STMicroelectronics ST72E331 Datasheet HTML 7Page - STMicroelectronics ST72E331 Datasheet HTML 8Page - STMicroelectronics ST72E331 Datasheet HTML 9Page - STMicroelectronics ST72E331 Datasheet HTML 10Page - STMicroelectronics ST72E331 Datasheet HTML 11Page - STMicroelectronics ST72E331 Datasheet HTML 12Page - STMicroelectronics ST72E331 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
9/107
ST72E331 ST72T331
Note 1: VPP on EPROM/OTP only.
18
13
PF4/OCMP1_A
I/O
Port F4 or Timer A Output Compare 1
19
14
PF6/ICAP1_A
I/O
Port F6 or Timer A Input Capture 1
20
15
PF7/EXTCLK_A
I/O
Port F7 or External Clock on Timer A
21
VDD_0
S
Main power supply
22
VSS_0
S
Ground
23
16
PC0/OCMP2_B
I/O
Port C0 or Timer B Output Compare 2
24
17
PC1/OCMP1_B
I/O
Port C1 or Timer B Output Compare 1
25
18
PC2/ICAP2_B
I/O
Port C2 or Timer B Input Capture 2
26
19
PC3/ICAP1_B
I/O
Port C3 or Timer B Input Capture 1
27
20
PC4/MISO
I/O
Port C4 or SPI Master In / Slave Out Data
28
21
PC5/MOSI
I/O
Port C5 or SPI Master Out / Slave In Data
29
22
PC6/SCK
I/O
Port C6 or SPI Serial Clock
30
23
PC7/SS
I/O
Port C7 or SPI Slave Select
31
24
PA3
I/O
Port A3
External Interrupt: EI0
32
25
VDD_1
S
Main power supply
33
26
VSS_1
S
Ground
34
27
PA4
I/O
Port A4
High Sink
35
28
PA5
I/O
Port A5
High Sink
36
29
PA6
I/O
Port A6
High Sink
37
30
PA7
I/O
Port A7
High Sink
38
31
TEST/VPP
1)
S
Test mode pin. In the EPROM programming
mode, this pin acts as the programming
voltage input VPP.
This pin must be tied
low in user mode
39
32
RESET
I/O
Bidirectional. Active low. Top priority non maskable interrupt.
40
33
VSS_2
S
Ground
41
34
OSCOUT
O
Input/Output Oscillator pin. These pins connect a parallel-resonant
crystal, or an external source to the on-chip oscillator.
42
35
OSCIN
I
43
36
VDD_2
S
Main power supply
44
37
PE0/TDO
I/O
Port E0 or SCI Transmit Data Out
Pin n°
QFP44
Pin n°
SDIP42
Pin Name
Type
Description
Remarks
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com