Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E331 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST72E331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E331 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST72E331 Datasheet HTML 99Page - STMicroelectronics ST72E331 Datasheet HTML 100Page - STMicroelectronics ST72E331 Datasheet HTML 101Page - STMicroelectronics ST72E331 Datasheet HTML 102Page - STMicroelectronics ST72E331 Datasheet HTML 103Page - STMicroelectronics ST72E331 Datasheet HTML 104Page - STMicroelectronics ST72E331 Datasheet HTML 105Page - STMicroelectronics ST72E331 Datasheet HTML 106Page - STMicroelectronics ST72E331 Datasheet HTML 107Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 107 page
background image
106/107
ST72E331 ST72T331
8.3 ORDERING INFORMATION
Each device is available for production in user pro-
grammable version (OTP). OTP devices are
shipped to customer with a default blank content
FFh. There is one common EPROM version for
debugging and prototyping which features the
maximum memory size and peripherals of the
family. Care must be taken to only use resources
available on the target device.
Figure 64. OTP User Programmable Device Types
Notes:
– The ST72E331J4D0/ST72E331N4D0 (CERDIP 25 °C) are used as the EPROM versions for the above
devices.
– The ROM versions are supported by the ST72334 family.
DEVICE PACKAGE
TEMP.
RANGE
S= LVD Reset option
3 = automotive -40 to +125°C
6= industrial -40 to +85 °C
B= Plastic DIP
T= Plastic TQFP
ST72T331J2
ST72T331J4
ST72T331N2
ST72T331N4
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com