Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C540FP-A Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 64Page - STMicroelectronics ST75C540FP-A Datasheet HTML 65Page - STMicroelectronics ST75C540FP-A Datasheet HTML 66Page - STMicroelectronics ST75C540FP-A Datasheet HTML 67Page - STMicroelectronics ST75C540FP-A Datasheet HTML 68Page - STMicroelectronics ST75C540FP-A Datasheet HTML 69Page - STMicroelectronics ST75C540FP-A Datasheet HTML 70Page - STMicroelectronics ST75C540FP-A Datasheet HTML 71Page - STMicroelectronics ST75C540FP-A Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
XI.6.4 - Long Frame
XI - TRANSMITTING DATA IN PARALLEL MODE (continued)
TRANSMITTED
DATA
BUFF_FRAB
BUFF_SFRM
BUFF_EFRM
BUFF_LENG
(BUFF_DATA)
$7E
08
5
CRC
$7E
D0
D1
D2
D3
0
8
4
D0
D1
D2
D3
Figure 33
XI.6.5 - Abort Frame
TRANSMITTED
DATA
BUFF_FRAB
BUFF_SFRM
BUFF_EFRM
BUFF_LENG
(BUFF_DATA)
$7E
D0
D1
D2
D3
0
$7E
D5
0
ABORT
D4
D0
D1
D2
D3
D5
D4
x
5
88
x
68
8
Figure 34
XI.6.6 - Abort Due to Underflow
TRANSMITTED
DATA
BUFF_FRAB
BUFF_SFRM
BUFF_EFRM
BUFF_LENG
(BUFF_DATA)
$7E
D0
D1
D2
D3
0
ABORT
$7E
D4
D5
D0
D1
D2
D3
D4
D5
ERR_TX
(1)
(2)
(3)
58
8
0
6
8
8
Figure 35
Where : 1. The Underflow condition appears when the ST75C530/540 needs, inside a frame, some bytes to transmit and that the
corresponding buffer is empty.
2. The
ERR_TX bit is cleared with a CSE 01 Command.
3. After an Underflow condition restart the initialization of the parallel mode and use the buffer number 0.
ST75C530 - ST75C540
68/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com