Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C540FP-A Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 14Page - STMicroelectronics ST75C540FP-A Datasheet HTML 15Page - STMicroelectronics ST75C540FP-A Datasheet HTML 16Page - STMicroelectronics ST75C540FP-A Datasheet HTML 17Page - STMicroelectronics ST75C540FP-A Datasheet HTML 18Page - STMicroelectronics ST75C540FP-A Datasheet HTML 19Page - STMicroelectronics ST75C540FP-A Datasheet HTML 20Page - STMicroelectronics ST75C540FP-A Datasheet HTML 21Page - STMicroelectronics ST75C540FP-A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
V - FUNCTIONAL DESCRIPTION (continued)
102
103
VSPK1 (V
RMS)
Distortion
Rx Softclipping and Distortion
0
2
4
6
8
10
12
(mV
RMS)
D (%)
103
102
10
V
MIC2 (mVRMS)
Figure 7 : SPK1 Distortion versus RxA
POWER SPEC1
POWER SPEC2
64Avg
64Avg
0%Ovlp
0%Ovlp
Ftop
Ftop
0.0
0.0
dBm
RMS
V2
dB
RMS
Vv2
-80.0
-80.0
Fxd Y O
Hz
5k
Line Tx
Speaker Output
Note :
Acoustic echo from speaker to microphone input with no
local speech. Receiving speech on line input.
Figure 8 : Speaker and Line Tx Power Spectrums
V.3.13 - Low Power Mode
Sleep state can be attained by a SLEEPcommand.
When in sleep mode, the dual port RAM is unavail-
able and the clocks are disabled.
Wh en enter ing th e low pow er mod e, th e
ST75C530/540stops its oscillator, all the peripher-
als of the DSP core are stopped in order to reduce
the power consumption. The dual port RAM is
made inaccessible.
The ST75C530/540 can be awakened by a hard-
ware reset, a RING signal or a dummy write at any
location in the dual port RAM.
There is a maximum time of 20ms to restart the
oscillator after waking up and an additional 5ms
after the interrupt to be able to accept any com-
mand coming from the host.
V.3.14 - Reset
After a hardware reset, or an INIT command, the
ST75C530/540 clears all its internal memories,
clears the whole dual port RAM and starts to initial-
ize the delta sigma analog converters. As soon as
t he se i n it ia l izat i on s ar e c om pl ete d, t he
ST75C530/540 generates an interrupt IT6 (com-
mand acknoledge) and is programmed to send and
receive tones, the sample clock are programmed to
9600Hz. The total duration of the reset sequence is
about 5ms. After that time the ST75C530/540 is
readyto executecommands sent by the host micro-
controller. The duration of the reset signal should be
greater than 700ns.
V.4 - Modem Interface
V.4.1 - Analog Interface
Refer to Block Diagram on page 7.
V.4.2 - General I/O and Relay Interface
16 pins are dedicated to the general I/O port. Two
are dedicated to Relaydriver. The equivalent sche-
matic is as follows : see Figure 9.
Q
D
GIO0[x]
IODIR0[x]
IODATA0[x]
(write)
IODATA0[x]
(read)
Q
D
RELAY[y]
IORELAY[y]
(write)
IORELAY[y]
(read)
RGND
N
Figure 9
ST75C530 - ST75C540
18/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com