Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C540FP-A Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 67Page - STMicroelectronics ST75C540FP-A Datasheet HTML 68Page - STMicroelectronics ST75C540FP-A Datasheet HTML 69Page - STMicroelectronics ST75C540FP-A Datasheet HTML 70Page - STMicroelectronics ST75C540FP-A Datasheet HTML 71Page - STMicroelectronics ST75C540FP-A Datasheet HTML 72Page - STMicroelectronics ST75C540FP-A Datasheet HTML 73Page - STMicroelectronics ST75C540FP-A Datasheet HTML 74Page - STMicroelectronics ST75C540FP-A Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Establish the reception (see Figure 39).
XII - RECEIVING IN PARALLEL MODE (continued)
CONF 0F 08 00 01
SYNC1
No
Yes
STA_109 = 1
FORM 00 (opt)
Select V.29 9600bps
Arm V.29 receiver
Wait until V.29
carrier detected
Format synchronous
Clear the first
buffers #0 and #1
In case of lost of carrier
while in data mode
CLEAR FIRST BUFFER
WRITE 00 INTO DTRBFS0
WRITE 00 INTO DTRBFS1
SELECT NEXT BUFFER
IBUF = 0
ENABLE IT3
ITMASK = 0 x 88
RET
Subroutine :
CLEAR FIRST BUFFER
No
Yes
STA_109 = 0
Figure 39
Notes : 1. At that step the host can check that the corresponding
DTRBSx buffer is full (different from $00), otherwise it is
an error.
2. This means read BUFF_LENG bytes, inside the Receive
buffer
DTRBFx starting from location DTRBFx[0] to
DTRBFx[BUFF_LENG - 1]. In synchronous mode, the
BUFF_LENG isalways 8 bytes, except when a STA_109
lost appears in the middle of the buffer.
RETURN
No
Yes
IBUF = 1
READ DTRBS1
EXTRACT BUFF_LENG
IBUF = 0
EXECUTE_IT_RECEIVE
READ DTRBF1 DATA
BUFF_LENG TIMES (2)
WRITE 00 INTO DTRBS1
READ DTRBS0
EXTRACT BUFF_LENG
IBUF = 1
READ DTRBF0 DATA
BUFF_LENG TIMES (2)
WRITE 00 INTO DTRBS0
(1)
(1)
Figure 40
These flowcharts show one CPU variable labeled
IBUF which is necessary for the understanding of
the mechanism, but there are different manners to
implement it.
- IBUF : thisis the number of the DUAL RAM buffer
currently in use by the Host processor. It starts wit
0 an then alternates 1, 0, 1, 0, ...
The received bits are read by an interrupt routine
(See Figure 40).
XII.4 - Error Detection
Error occurs when the ST75C530/540 has re-
ceived some bits and that the buffer
DTRBSx is not
empty, this condition is called “Overflow”.
This error is signaled in the bit ERR_RX of the
SYSERR byte, and generates an interrupt IT0. To
clear the error a
CSE 02 command must be issued.
An Overflow condition occurs when :
- In synchronous mode: the host processor “for-
gets” to empty the current DTRBSx buffer.
- In HDLC mode: when, while inside a frame, the
host processors “forgets” to empty the current
DTRBSx buffer.
- In UART mode, this cannot happen.
When an Overflow condition occurs the host must
restart the whole parallel initialisation.
ST75C530 - ST75C540
71/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com