Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C540FP-A Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 41Page - STMicroelectronics ST75C540FP-A Datasheet HTML 42Page - STMicroelectronics ST75C540FP-A Datasheet HTML 43Page - STMicroelectronics ST75C540FP-A Datasheet HTML 44Page - STMicroelectronics ST75C540FP-A Datasheet HTML 45Page - STMicroelectronics ST75C540FP-A Datasheet HTML 46Page - STMicroelectronics ST75C540FP-A Datasheet HTML 47Page - STMicroelectronics ST75C540FP-A Datasheet HTML 48Page - STMicroelectronics ST75C540FP-A Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Starting at the adddress $08 the status area have the following format :
Add.
Name
Bit
7
6
5
432
1
0
$08
SYSERR ERR_RTK
-
-
ERR_IPRM
ERR_IOCD ERR_VOCO ERR_RX
ERR_TX
$09 STATUS0 STA_109F STA_CPT10 STA_CPT1
STA_CPT0
STA_RING
STA_106
STA_107 STA_109
STA_VAD
$0A STATUS1 STA_DTMF STA_FLAG
STA_CLR*
STA_RNEG
STA_HR
STA_RTRN*
STA_AT
STA_CCITT
STA-TIM
STA_H
$0B
STAQUA
-
Quality
$0C
STAOP0
Depend on operating mode (see below)
$0D
STAOP1
$0E
STAOP2
$0F
STAOP3
* ST75C540 only
VIII.2.2 - Error Status
The error status changes each time an error occurs. When the ST75C530/540 signals an error by setting
one of the SYSERR bit, it generates an interrupt IT0. These bits can only be cleared by the host controler
using the CSE command.
The meaning of the different bits of the SYSERR byte is discribed below :
SYSERR
Field
Pos.
Meaning when set
ERR_TX
0
Transmit buffer underflow. Loss of synchronisation between the host and ST75C530/540 transmit
data buffer managment.
ERR_RX
1
Receive buffer overflow. Loss of synchronisation between the host and ST75C530/540 receive
data buffer managment.
ERR_VOCO
2
Vocoder buffer underflow (Decoder) or overflow (Coder). Lost of synchronisation between the
Host and ST75C530/540 VOCODER Buffer management.
ERR_IOCD
3
Incorrect command
ERR_IPRM
4
Incorrect parameter for the command
ERR_RTK
7
Real time kernel error. ST75C530/540 not able to perform all its tasks within the baud period
(transmit or receive samples lost).
VIII - STATUS DESCRIPTION (continued)
ST75C530 - ST75C540
45/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com