Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C540FP-A Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 31Page - STMicroelectronics ST75C540FP-A Datasheet HTML 32Page - STMicroelectronics ST75C540FP-A Datasheet HTML 33Page - STMicroelectronics ST75C540FP-A Datasheet HTML 34Page - STMicroelectronics ST75C540FP-A Datasheet HTML 35Page - STMicroelectronics ST75C540FP-A Datasheet HTML 36Page - STMicroelectronics ST75C540FP-A Datasheet HTML 37Page - STMicroelectronics ST75C540FP-A Datasheet HTML 38Page - STMicroelectronics ST75C540FP-A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
MODC
Modify Configuration
MODC
Opcode:
21
001
00001
Synopsis
MODC allows the modification of the parameters defined by the CONF command.
Parameters
Field
Byte
Pos.
Value
Definition
MODC_SDM
1
0
0
1
Normal data mode
Short data mode (e.g. TVR) (5)
MODC_DV21F
1
1
0
1
Normal V.21ch2
(1)
Disable V.21ch2 flag detector
MODC_DDTMF
1
2
0
1
Normal DTMF detector
(1)
Disable DTMF detector
MODC_DTDT4
1
3
0
1
Normal secondary tone detector
(1)
Disable secondary tone detector
MODC_DTDT16
1
4
0
1
Normal primary tone detector
(1)
Disable primary tone detector
MODC_SH
1
6
0*
1
Normal training sequence
Short training sequence
(2)
MODC_FS
1
7
0*
1
Secondary tone detector sampling frequency is 4.8kHz
Secondary tone detector sampling frequency is 9.6kHz
MODC_V22G
(6)
2
1..0
00*
01
10
No guard tone
1800Hz guard tone (V.22bis/V.22)
550Hz guard tone (V.22bis/V.22)
MODC_FPT
2
3..2
00*
01
10
No echo protection tone
Long echo protection tone (180ms)
(4)
Short echo protection tone (30ms)
(4)
MODC_NOTA
(6)
24
0*
1
Answer mode : generate answer tone for handshake
Originate mode : wait answer tone for handshake
Answer mode : do not generate answer
Originate mode : do not wait answer tone
MODC_NOSA
(6)
26
0*
1
Cut answer tone when receiving AA (V.32bis, V.32)
Continue answer tone when receiving AA.
MODC_NOQA
(6)
27
0*
1
Enable V.32bis/V.32 autoretrain on quality.
Disable V.32bis/V.32 autoretrain on quality.
MODC_ADCFD
3
0..3
0000*
0001
0010
0011
1111
1110
1101
0111
Other
Low bit rate decoder voice frame duration 30ms (nominal)
Low bit rate decoder voice frame duration 35ms (+16%)
Low bit rate decoder voice frame duration 40ms (+33%)
Low bit rate decoder voice frame duration 45ms (+50%)
Low bit rate decoder voice frame duration 25ms (-16%)
Low bit rate decoder voice frame duration 20ms (-33%)
Low bit rate decoder voice frame duration 15ms (-50%)
Low bit rate decoder pause
Reserved
MODC_COD
3
5
0
1
Low bit rate coder disabled
Low bit rate coder enabled
(3)
MODC_LEC
4
0
0
1
Line echo canceller enabled
Line echo canceller disabled
MODC_AEC
4
1
0
1
Audio echo canceller enabled
Audio echo canceller disabled
(3)
MODC_FULLD
4
2
0
1
Full duplex mode enabled
Half duplex mode enabled
MODC_SOFTRx
4
3
0
1
Softclipping enabled on Rx
Softclipping disabled on Rx
MODC_AGC
4
4
0
1
AGC active
AGC frozen
MODC_SOFTTx
4
5
0
1
Softclipping enabled on Tx
Softclipping disabled on Tx
Notes :
1.
In the modes where they are active.
2.
Short train sequence must be preceded by at least one successful long train sequence at the same data rate. For
V.17 a successful long train at any data rate must preceded the short train.
3.
Only coder or decoder can be enabled at the same time.
4.
Only when sending V.17, V.33, V.29 or V.27ter.
5.
French Minitel Application (TVR : Teletel Vitesse Rapide).
6.
ST75C540 only
VII - COMMAND SET DESCRIPTION (continued)
ST75C530 - ST75C540
35/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com