Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C540FP-A Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST75C540FP-A
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540FP-A Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST75C540FP-A Datasheet HTML 73Page - STMicroelectronics ST75C540FP-A Datasheet HTML 74Page - STMicroelectronics ST75C540FP-A Datasheet HTML 75Page - STMicroelectronics ST75C540FP-A Datasheet HTML 76Page - STMicroelectronics ST75C540FP-A Datasheet HTML 77Page - STMicroelectronics ST75C540FP-A Datasheet HTML 78Page - STMicroelectronics ST75C540FP-A Datasheet HTML 79Page - STMicroelectronics ST75C540FP-A Datasheet HTML 80Page - STMicroelectronics ST75C540FP-A Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
XV - DEFAULT CALL PROGRESS TONE DETECTORS
0
-10
-20
-30
-40
-50
0
200
400
600
800
1000
dB
no detection
detection
step = 10Hz
reference level = 0dB
f (Hz)
Figure 44 : Call Progress Tone Detector Band 1
0
-10
-20
-30
-40
-50
2000
2040
2080
2120
2160
2200
f (Hz)
no detection
detection
dB
reference level = 0dB
step = 10Hz
Figure 46 : 2100Hz Answer Tone Detector
0
-10
-20
-30
-40
-50
200
320
440
560
680
800
f (Hz)
no detection
detection
dB
step = 10Hz
reference level = 0dB
Figure 47 : 440Hz Tone Detector
0
-8
-16
-24
-32
-40
0
720
1440
2160
2880
3600
f (Hz)
no detection
detection
dB
step = 100Hz
reference level = 0dB
Figure 45 : Call Progress Tone Detector Band 2
XVI - DEFAULT ANSWER TONE DETECTORS
ST75C530 - ST75C540
77/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com