| Electronic Components Datasheet Search |
|
AT80SND1C-ROTIL Datasheet(PDF) 86 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND1C-ROTIL Datasheet(HTML) 86 Page - ATMEL Corporation |
|
86 / 210 page ![]() 86 AT8xC51SND1C 4109E–8051–06/03 • Endpoint FIFO reset Before using an endpoint, its FIFO should be reset. This action resets the FIFO pointer to its original value, resets the Byte counter of the endpoint (UBYCTX regis- ter), and resets the data toggle bit (DTGL bit in UEPCONX). The reset of an endpoint FIFO is performed by setting to 1 and resetting to 0 the corresponding bit in the UEPRST register. For example, in order to reset the Endpoint number 2 FIFO, write 0000 0100b then 0000 0000b in the UEPRST register. Note that the endpoint reset doesn’t reset the bank number for ping-pong endpoints. Read/Write Data FIFO Read Data FIFO The read access for each OUT endpoint is performed using the UEPDATX register. After a new valid packet has been received on an Endpoint, the data are stored into the FIFO and the Byte counter of the endpoint is updated (UBYCTX registers). The firmware has to store the endpoint Byte counter before any access to the endpoint FIFO. The Byte counter is not updated when reading the FIFO. To read data from an endpoint, select the correct endpoint number in UEPNUM and read the UEPDATX register. This action automatically decreases the corresponding address vector, and the next data is then available in the UEPDATX register. Write Data FIFO The write access for each IN endpoint is performed using the UEPDATX register. To write a Byte into an IN endpoint FIFO, select the correct endpoint number in UEP- NUM and write into the UEPDATX register. The corresponding address vector is automatically increased, and another write can be carried out. Warning 1: The Byte counter is not updated. Warning 2: Do not write more Bytes than supported by the corresponding endpoint. FIFO Mapping Figure 61. Endpoint FIFO Configuration UEPNUM Endpoint 0 Endpoint 2 UEPSTA0 UEPCON0 UEPDAT0 UEPSTA2 UEPCON2 UEPDAT2 0 1 2 SFR Registers UEPSTAX UEPCONX UEPDATX X UBYCT0 UBYCT2 UBYCTX |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |