| Electronic Components Datasheet Search |
|
AT80SND1C-ROTIL Datasheet(PDF) 53 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND1C-ROTIL Datasheet(HTML) 53 Page - ATMEL Corporation |
|
53 / 210 page ![]() 53 AT8xC51SND1C 4109E–8051–06/03 Mode 1 (16-bit Timer) Mode 1 configures Timer 0 as a 16-bit Timer with TH0 and TL0 registers connected in cascade (see Figure 31). The selected input increments TL0 register. Figure 32 gives the overflow period calculation formula when in timer mode. Figure 31. Timer/Counter x (x = 0 or 1) in Mode 1 Figure 32. Mode 1 Overflow Period Formula Mode 2 (8-bit Timer with Auto- Reload) Mode 2 configures Timer 0 as an 8-bit Timer (TL0 register) that automatically reloads from TH0 register (see Table 62). TL0 overflow sets TF0 flag in TCON register and reloads TL0 with the contents of TH0, which is preset by software. When the interrupt request is serviced, hardware clears TF0. The reload leaves TH0 unchanged. The next reload value may be changed at any time by writing it to TH0 register. Figure 34 gives the autoreload period calculation formula when in timer mode. Figure 33. Timer/Counter x (x = 0 or 1) in Mode 2 Figure 34. Mode 2 Autoreload Period Formula Mode 3 (2 8-bit Timers) Mode 3 configures Timer 0 such that registers TL0 and TH0 operate as separate 8-bit Timers (see Figure 35). This mode is provided for applications requiring an additional 8- bit Timer or Counter. TL0 uses the Timer 0 control bits C/T0# and GATE0 in TMOD reg- ister, and TR0 and TF0 in TCON register in the normal manner. TH0 is locked into a Timer function (counting F TF1/6) and takes over use of the Timer 1 interrupt (TF1) and run control (TR1) bits. Thus, operation of Timer 1 is restricted when Timer 0 is in mode TRx TCON Reg TFx TCON Reg 0 1 GATEx TMOD Reg Overflow Timer x Interrupt Request C/Tx# TMOD Reg TLx (8 bits) THx (8 bits) INTx Tx TIMx CLOCK ÷ 6 6 ⋅ (65536 – (THx, TLx)) TFxPER= F TIMx TRx TCON reg TFx TCON reg 0 1 GATEx TMOD reg Overflow Timer x Interrupt Request C/Tx# TMOD reg TLx (8 bits) THx (8 bits) INTx Tx TIMx CLOCK ÷ 6 TFxPER= F TIMx 6 ⋅ (256 – THx) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |