Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH221 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LNBH221
Description  Dual LNB supply and control IC with Step-Up converter and I2C interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LNBH221 Datasheet HTML 13Page - STMicroelectronics LNBH221 Datasheet HTML 14Page - STMicroelectronics LNBH221 Datasheet HTML 15Page - STMicroelectronics LNBH221 Datasheet HTML 16Page - STMicroelectronics LNBH221 Datasheet HTML 17Page - STMicroelectronics LNBH221 Datasheet HTML 18Page - STMicroelectronics LNBH221 Datasheet HTML 19Page - STMicroelectronics LNBH221 Datasheet HTML 20Page - STMicroelectronics LNBH221 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LD39150
Electrical characteristics
17/27
VDETIN
Tone Detector Input Amplitude
fIN=22kHz sinewave
0.2
1.5
VPP
ZDETIN
Tone Detector Input Impedance
150
k
Ω
VOL
DSQOUT Pin Logic LOW
Tone presentIOL=2mA
0.3
0.5
V
IOZ
DSQOUT Pin Leakage Current
Tone absentVOH = 6V
10
µA
VIL
DSQIN Input Pin Logic LOW
0.8
V
VIH
DSQIN Input Pin Logic HIGH
2
V
IIH
DSQIN Pin Input Current
VIH = 5V
15
µA
IOBK
Output Backward Current
EN=0 VOBK = 18V
-6
-15
mA
TSHDN
Thermal Shutdown Threshold
150
°C
∆TSHDN
Thermal Shutdown Hysteresis
15
°C
Table 4.
Electrical characteristics of each section (A and B)
(TJ = 0 to 85°C, EN=1, TTX=0/1, LLC=VSEL=TEN=PCL=0, DSQIN=LOW, VIN=12V,
IOUT=50mA, unless otherwise specified. See software description section for I
2C access to
the system register)
Symbol
Parameter
Parameter
Min.
Typ.
Max.
Unit
Table 5.
Gate And Sense Electrical Characteristics (TJ = 0 to 85°C, VIN=12V)
Symbol
Parameter
Parameter
Min.
Typ.
Max.
Unit
RDSON-L
Gate LOW RDSON
IGATE=-100mA
4.5
Ω
RDSON-H
Gate LOW RDSON
IGATE=100mA
4.5
Ω
VSENSE
Current Limit Sense Voltage
200
mV
Table 6.
I2C Electrical Characteristics (TJ = 0 to 85°C, VIN=12V)
Symbol
Parameter
Parameter
Min.
Typ.
Max.
Unit
VIL
LOW Level Input Voltage
SDA, SCL
0.8
V
VIH
HIGH Level Input Voltage
SDA, SCL
2
V
IIN
Input Current
SDA, SCL, VIN= 0.4 to 4.5V
-10
10
µA
VOL
Low Level Output Voltage
SDA (open drain), IOL = 6mA
0.6
V
fMAX
Maximum Clock Frequency
SCL
500
KHz
Table 7.
Address Pin Characteristics (TJ = 0 to 85°C, VIN=12V)
Symbol
Parameter
Parameter
Min.
Typ.
Max.
Unit
VADDR-1
"0001000" Addr Pin Voltage
0
0.7
V
VADDR-2
"0001001" Addr Pin Voltage
1.3
1.7
V
VADDR-3
"0001010" Addr Pin Voltage
2.3
2.7
V
VADDR-4
"0001011" Addr Pin Voltage
3.3
5
V
VADDR-1
"0001000" Addr Pin Voltage
0
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com