Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH221 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LNBH221
Description  Dual LNB supply and control IC with Step-Up converter and I2C interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LNBH221 Datasheet HTML 19Page - STMicroelectronics LNBH221 Datasheet HTML 20Page - STMicroelectronics LNBH221 Datasheet HTML 21Page - STMicroelectronics LNBH221 Datasheet HTML 22Page - STMicroelectronics LNBH221 Datasheet HTML 23Page - STMicroelectronics LNBH221 Datasheet HTML 24Page - STMicroelectronics LNBH221 Datasheet HTML 25Page - STMicroelectronics LNBH221 Datasheet HTML 26Page - STMicroelectronics LNBH221 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Package mechanical data
LNBH221
24/27
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.60
0.1417
a1
0.10
0.30
0.0039
0.0118
a2
3.30
0.1299
a3
0
0.10
0
0.0039
b
0.22
0.38
0.0087
0.0150
c
0.23
0.32
0.0091
0.0126
D (1)
15.80
16.00
0.6220
0.6299
D1
9.40
9.80
0.3701
0.3858
E
13.90
14.50
0.5472
0.5709
E1 (1)
10.90
11.10
0.4291
0.4370
E2
2.90
0.1142
E3
5.8
6.2
0.2283
0.2441
e
0.65
0.0256
e3
11.05
0.4350
G
0
0.10
0.0000
0.0039
H
15.50
15.90
0.6102
0.6260
h
1.10
0.0433
L
0.80
1.10
0.0315
0.0433
N
0°
10°
S0°
8°
0°
8°
PowerSO-36 MECHANICAL DATA
0096119/B
(1) “
D and E1”do not include mold flash or protusions - Mold flash or protusions shall not exceed 0.15mm (0.00
6
”)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com