Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH221 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LNBH221
Description  Dual LNB supply and control IC with Step-Up converter and I2C interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LNBH221 Datasheet HTML 18Page - STMicroelectronics LNBH221 Datasheet HTML 19Page - STMicroelectronics LNBH221 Datasheet HTML 20Page - STMicroelectronics LNBH221 Datasheet HTML 21Page - STMicroelectronics LNBH221 Datasheet HTML 22Page - STMicroelectronics LNBH221 Datasheet HTML 23Page - STMicroelectronics LNBH221 Datasheet HTML 24Page - STMicroelectronics LNBH221 Datasheet HTML 25Page - STMicroelectronics LNBH221 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Typical performance characteristics (of each section)
LNBH221
22/27
Figure 27. DC/DC Converter Efficiency vs
Temperature
Figure 28. Current Limit Sense Voltage vs
Temperature
Figure 29. 22kHz Tone Waveform
VCC=12V, IO=50mA, EN=TEN=1
Figure 30. DSQIN Tone Enable Transient
Response
VCC=12V, IO=50mA, EN=1, Tone enabled by DSQIN Pin
Figure 31. DSQIN Tone Enable Transient
Response
VCC=12V, IO=50mA, EN=1, Tone enabled by DSQIN Pin
Figure 32. DSQIN Tone Disable Transient
Response
VCC=12V, IO=50mA, EN=1, Tone enabled by DSQIN Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com