Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3603 Datasheet(PDF) 12 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 12 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 16Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
12
3603.2008.06.1.0
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
12
3603.2008.06.1.0
www .analogictech.com
Typical Characteristics—Step-Down Buck Converter
Step-Down Buck Efficiency vs. Output Current
(VOUT = 1.8V; L = 3.3µH)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VBAT = 2.7V
VBAT = 4.2V
VCHGIN = 4.5V
VCHGIN = 5.0V
VCHGIN = 6.0V
VCHGIN = 5.5V
VBAT = 3.6V
Step-Down Buck Load Regulation
vs. Output Current
(VOUT = 1.8V; L = 3.3µH)
Output Current (mA)
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
1
10
100
1000
VBAT = 2.7V
VBAT = 4.2V
VCHGIN = 4.5V
VCHGIN = 5.0V
VCHGIN = 6.0V
VCHGIN = 5.5V
VBAT = 3.6V
Step-Down Buck Line Regulation
vs. CHGIN and Battery Input Voltage
(VOUT = 1.8V; L = 3.3µH)
Input VBAT, VCHGIN (V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
2.5
3
3.5
4
4.5
5
5.5
6
4.2
IOUT = 1mA
IOUT = 0.01mA
IOUT = 10mA
IOUT = 300mA
IOUT = 200mA
IOUT = 100mA
VBAT
VCHGIN
IOUT = 50mA
Step-Down Buck Output Voltage vs. Temperature
(IOUT = 10mA)
Temperature (°C)
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
1.825
-50
-25
0
25
50
75
100
VCHGIN = 6.0V
VBAT = 2.7V
VBAT = 3.6V
VBAT = 4.2V
VCHGIN = 4.5V
VCHGIN = 5.5V
VCHGIN = 5.0V
V
BAT Line Transient Response Step-Down Buck
(VBAT = 3.5V to 4.2V; IOUT = 300mA; VOUT = 1.8V; COUT = 4.7µF)
Time (100µs/div)
1.76
1.80
1.84
1.88
1.92
3.0
3.5
4.0
4.5
VO
VBAT
V
CHGIN Line Transient Response Step-Down Buck
(VCHGIN = 4.5V to 5.5V; IOUT = 300mA; VOUT = 1.8V; COUT = 4.7µF)
Time (100µs/div)
1.76
1.78
1.80
1.82
1.84
1.86
4.0
4.5
5.0
5.5
6.0
VO
VCHGIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com