Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3603 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3603 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
1
www .analogictech.com
General Description
The AAT3603 is a member of AnalogicTech’s Total Power
Management ICTM (TPMICTM) product family. It contains a
single-cell Lithium Ion/Polymer battery charger, a fully
integrated step-down converter and 5 low dropout (LDO)
regulators. The device is ideal for low cost handheld por-
table GSM or CDMA mobile telephones.
The battery charger is a complete thermally regulated
constant current/constant voltage linear charger. It
includes an integrated pass device, reverse blocking pro-
tection, high accuracy current and voltage regulation,
charge status, and charge termination. The charging
current, charge termination current, and recharge volt-
age are programmable with an external resistor and/or
by a standard I2C interface.
The step-down DC/DC converter is integrated with internal
compensation and operates at a switching frequency of
1.5MHz, thus minimizing the size of external components
while keeping switching losses low and efficiency greater
than 95%. All LDO output voltages are programmable
using the I2C interface.
The five LDOs offer 60dB power supply rejection ratio
(PSRR) and low noise operation making them suitable for
powering noise-sensitive loads.
All six voltage regulators operate with low quiescent cur-
rent. The total no load current when the step-down con-
verter and 2 LDOs are enabled is only 170μA.
The AAT3603 is available in a thermally enhanced low
profile 5x5x0.8mm 36-pin TQFN package.
Features
• Voltage Regulator V
IN Range: 4.5V to 6V
• Low Cost Power Integration
• Low Standby Current
▪ 170μA (typ) w/ Buck (Core), LDO1 (PowerDigital),
and LDO2 (PowerAnalog) Active, No Load
• One Step-Down Buck Converter (Core)
▪ 1.8V, 300mA Output
▪ 1.5MHz Switching Frequency
▪ Fast Turn-On Time (120μs typ)
• Five LDOs Programmable with I2C
▪ LDO1: 3.0V, 300mA (PowerDigital)
▪ LDO2: 3.0V, 150mA (PowerAnalog or PLL)
▪ LDO3: 3.0V, 150mA (TCXO)
▪ LDO4: 3.0V, 150mA (TX)
▪ LDO5: 3.0V, 150mA (RX)
▪ PSRR: 60dB@10kHz
▪ Noise: 50μVrms for LDO3, LDO4, and LDO5
• One Battery Charger
▪ Digitized Thermal Regulation
▪ Charge Current Programming up to 1.4A
▪ Charge Current Termination Programming
▪ Automatic Trickle Charge for Battery Preconditioning
(2.8V Cutoff)
• Adapter OK (ADPP) and Reset (RESET) Timer Outputs
• Separate Enable Pins for Supply Outputs
• Over-Current Protection
• Over-Temperature Protection
• 5x5mm TQFN55-36 Package
Applications
• Digital Cameras
• GSM or CDMA Cellular Phones
• Handheld Instruments
• PDAs and Handheld Computers
• Portable Media Players


Similar Part No. - AAT3603

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3603 SKYWORKS-AAT3603 Datasheet
3Mb / 35P
Total Power Solution for Portable Applications
AAT3603A SKYWORKS-AAT3603A Datasheet
2Mb / 36P
Total Power Solution for Portable Applications
July 26, 2012
AAT3603AIIH-T1 SKYWORKS-AAT3603AIIH-T1 Datasheet
2Mb / 36P
Total Power Solution for Portable Applications
July 26, 2012
AAT3603IIH-T1 SKYWORKS-AAT3603IIH-T1 Datasheet
3Mb / 35P
Total Power Solution for Portable Applications
More results

Similar Description - AAT3603

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
Total Power Solution for Portable Applications
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603 Datasheet
4Mb / 26P
Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com