Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3603 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
8
3603.2008.06.1.0
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
8
3603.2008.06.1.0
www .analogictech.com
Electrical Characteristics1
VIN = 5V, VBAT = 3.6V, -40°C ≤ TA ≤ +85°C, unless noted otherwise. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
LDO2 (PowerAnalog)
VOUT2
Output Voltage Accuracy
IOUT2 = 0 ~ 150mA
-3
+3
%
IOUT2
Output Current
150
mA
ILIM2
Output Current Limit
1000
mA
VDO2
Dropout Voltage
IOUT2 = 150mA
165
mV
ΔV
OUT2/
(VOUT2ΔVIN2)
Line Regulation
IOUT2 = 100mA
0.07
%/V
ΔV
OUT2
Load Regulation
Load: 0.5mA~150mA
40
mV
PSRR
Power Supply Rejection Ratio
IOUT2 = 10mA, COUT2 = 4.7μF, 10 ~ 10KHz
60
dB
Ts
Start Up Time
From Enable to Regulation; COUT2 = 4.7μF,
CNOISE = On
65
μs
LDO3 (TCXO), LDO4 (TX) and LDO5 (RX)
VOUTx
Output Voltage Accuracy
IOUTX = 0 ~ 150mA
-3
+3
%
IOUTx
Output Current
150
mA
ILIMx
Output Current Limit
1000
mA
VDOx
Dropout Voltage
IOUTX = 150mA
165
mV
ΔV
OUTx/
(VOUTxΔVINx)
Line Regulation
IOUTX = 100mA
0.07
%/V
ΔV
OUTx
Load Regulation
IOUTX = 0.5mA ~ 150mA
40
mV
PSRR
Power Supply Rejection Ratio
IOUTX = 10mA, COUTx = 4.7μF, 10 ~ 10KHz
60
dB
eN
Output Noise Voltage
IOUTX = 10mA, Power BW: 10kHz ~ 100KHz
40
μVrms
Ts
Start Up Time
From Enable to Regulation; COUTX = 4.7μF,
CNOISE = On
65
μs
Logic Control
VIH
Enable Pin Logic High Level
For EN2, EN3, EN4 and EN5
1.4
V
VIL
Enable Pin Logic Low Level
0.4
V
Thermal
TSD
Over Temperature Shutdown Threshold
140
˚C
THYS
Over Temperature Shutdown Hysteresis
15
˚C
SCL, SDA (I2C Interface)
FSCL
Clock Frequency
0
400
KHz
TLOW
Clock Low Period
1.3
μs
THIGH
Clock High Period
0.6
μs
THD_STA
Hold Time START Condition
0.6
μs
TSU_STA
Setup Time for Repeat START
0.6
μs
TSU_DTA
Data Setup Time
100
ns
TSU_STO
Setup Time for STOP Condition
0.6
μs
TBUF
Bus Free Time Between STOP and
START Condition
1.3
μs
VIL
Input Threshold Low
2.7V ≤ VIN ≤ 5.5V
0.4
V
VIH
Input Threshold High
2.7V ≤ VIN ≤ 5.5V
1.4
-
V
II
Input Current
-1.0
1.0
μA
VOL
Output Logic Low (SDA)
IPULLUP = 3mA
0.4
V
1. Specification over the –40°C to +85°C operating temperature range is assured by design, characterization and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com