Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3603 Datasheet(PDF) 22 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 22 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 18Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 19Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 20Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 21Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 22Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 23Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 24Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 25Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 26Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
22
3603.2008.06.1.0
www .analogictech.com
Battery Charger
Figure 3 illustrates the entire battery charging profile
which consists of three phases.
1. Preconditioning Current Mode (Trickle) Charge
2. Constant Current Mode Charge
3. Constant Voltage Mode Charge
Preconditioning Trickle Charge
Battery charging commences only after the AAT3603
battery charger checks several conditions in order to
maintain a safe charging environment. The system
operation flow chart for the battery charger operation is
shown in Figure 4. The input supply must be above the
minimum operating voltage (UVLO) and the enable pin
(ENBAT) must be low (it is internally pulled down). When
the battery is connected to the BAT pin, the battery
charger checks the condition of the battery and deter-
mines which charging mode to apply.
Preconditioning Current Mode
Charge Current
If the battery voltage is below the preconditioning volt-
age threshold VMIN, then the battery charger initiates
precondition trickle charge mode and charges the bat-
tery at 12% of the programmed constant-current mag-
nitude. For example, if the programmed current is
500mA, then the trickle charge current will be 60mA.
Trickle charge is a safety precaution for a deeply dis-
charged cell. It also reduces the power dissipation in the
internal series pass MOSFET when the input-output volt-
age differential is at its highest.
Constant Current Mode Charge Current
Trickle charge continues until the battery voltage reach-
es VMIN. At this point the battery charger begins con-
stant-current charging. The current level default for this
mode is programmed using a resistor from the ISET pin
to ground. Once that resistor has been selected for the
default charge current, then the current can be adjusted
through I2C from a range of 40% to 180% of the pro-
grammed default charge current. Programmed current
can be set at a minimum of 100mA and up to a maxi-
mum of 1A. When the ADPP signal goes high, the default
I2C setting of 100% is reset.
Constant Voltage Mode Charge
Constant current charging will continue until the battery
voltage reaches the Output Charge Voltage Regulation
point VBAT_REG. When the battery voltage reaches the regu-
lation voltage (VBAT_REG), the battery charger will transition
to constant-voltage mode. VBAT_REG is factory programmed
to 4.2V (nominal). Charging in constant-voltage mode will
continue until the charge current has reduced to the end
of charge termination current programmed using the I2C
interface (5%, 10%, 15%, or 20%).
Constant Current
Charge Phase
Constant Voltage
Charge Phase
Preconditioning
Trickle Charge
Phase
I (mA)
V (V)
Preconditioning Threshold
Voltage (VMiN)
Charge Termination
Threshold Current
(ICH_TERM)
T (s)
Battery End of Charge
Voltage Regulation (VBAT_REG)
FAST-CHARGE to
TOP-OFF Charge
Threshold
Trickle Charge
Timeout
(TK)
Constant-Current Mode
Charge Current (ICH_CC)
Preconditioning Charge
Current (ICH_PRE)
Charge Current
Charge Voltage
Constant Current Timeout
(TC)
Constant Voltage Timeout
(TV)
Figure 3: Current vs. Voltage and Charger Time Profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com