Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFSC Datasheet(PDF) 50 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 50 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 46Page - Lattice Semiconductor LFSC Datasheet HTML 47Page - Lattice Semiconductor LFSC Datasheet HTML 48Page - Lattice Semiconductor LFSC Datasheet HTML 49Page - Lattice Semiconductor LFSC Datasheet HTML 50Page - Lattice Semiconductor LFSC Datasheet HTML 51Page - Lattice Semiconductor LFSC Datasheet HTML 52Page - Lattice Semiconductor LFSC Datasheet HTML 53Page - Lattice Semiconductor LFSC Datasheet HTML 54Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 237 page
background image
3-6
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
PURESPEED I/O Differential Electrical Characteristics
LVDS
Over Recommended Operating Conditions
Hyper Transport
Over Recommended Operating Conditions
Parameter
Symbol
Parameter Description
Test Conditions
Min.
Typ.
Max.
Units
VINP, VINM
Input voltage
0
—
2.4
V
VTHD
Differential input threshold (Q-Q)
+/-100
—
—
mV
VCM
Input common mode voltage
0.05
1.2
2.35
V
IIN
Input current
Power on or power off
—
—
+/-10
µA
VOH
Output high voltage for VOP or VOM
RT = 100 Ohm
—
1.38
1.60
V
VOL
Output low voltage for VOP or VOM
RT = 100 Ohm
0.9V
1.03
—
V
VOD
Output voltage differential
(VOP - VOM), RT = 100 Ohm
250
350
450
mV
ΔVOD
Change in VOD between high and
low
—
—
50
mV
VOS
Output voltage offset
(VOP - VOM)/2, RT = 100 Ohm
1.125
1.20
1.375
V
ΔVOS
Change in VOS between H and L
—
—
50
mV
ISAB
Output short circuit current
VOD = 0V Driver outputs
shorted
—
—
12
mA
Notes:
1. Data is for 3.5mA differential current drive. Other differential driver current options are available.
2. If the low power mode of the input buffer is used, the minimum VCM is 600 mV.
Parameter Symbol
Description
Min.
Typ.
Max.
Units
VOD
Differential output voltage
500
600
700
mV
ΔVOD
Change in VOD magnitude
-15
—
15
mV
VOCM
Output common mode voltage
560
600
640
mV
ΔVOCM
Change in VOCM magnitude
-15
—
15
mV
VID
Input differential voltage
500
600
700
mV
ΔVID
Input differential voltage
-15
—
15
mV
VICM
Input common mode voltage
500
600
700
mV
ΔVICM
Change in VICM magnitude
-15
—
15
mV
Notes:
1. Data is for 6mA differential current drive. Other differential driver current options are available.
2. If the low power mode of the input buffer is used, the minimum VCM is 600 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com