Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFSC Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 17Page - Lattice Semiconductor LFSC Datasheet HTML 18Page - Lattice Semiconductor LFSC Datasheet HTML 19Page - Lattice Semiconductor LFSC Datasheet HTML 20Page - Lattice Semiconductor LFSC Datasheet HTML 21Page - Lattice Semiconductor LFSC Datasheet HTML 22Page - Lattice Semiconductor LFSC Datasheet HTML 23Page - Lattice Semiconductor LFSC Datasheet HTML 24Page - Lattice Semiconductor LFSC Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 237 page
background image
2-17
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
high-speed interfaces in the LatticeSC devices. Figure 2-18 shows how differential receivers and drivers are
arranged between PIOs.
Figure 2-18. Differential Drivers and Receivers
PIO
The PIO contains five blocks: an input register block, output register block, tristate register block, update block, and
a control logic block. These blocks contain registers for both single data rate (SDR), double data rate (DDR), and
shift register operation along with the necessary clock and selection logic.
Input Register Block
The input register block contains delay elements and registers that can be used to condition signals before they are
passed to the device core. Figure 2-20 show the diagram of the input register block. The signal from the PURE-
SPEED I/O buffer (DI) enters the input register block and can be used for three purposes, as a source for the com-
binatorial (INDD) and clock outputs (INCK), the input into the SDR register/latch block and the input to the delay
block. The output of the delay block can be used as combinatorial (INDD) and clock (INCK) outputs, an input to the
DDR/Shift Register Block or an input into the SDR register block.
Input SDR Register/Latch Block
The SDR register/latch block has a latch and a register/latch that can be used in a variety of combinations to pro-
vide a registered or latched output (INFF). The latch operates off high-speed input clocks and latches data on the
positive going edge. The register/latch operates off the low-speed input clock and registers/latches data on the pos-
itive going edge. Both the latch and the register/latch have a clock enable input that is driven by the input clock
enable. In addition both have a variety of programmable options for set/reset including, set or reset, asynchronous
or synchronous Local Set Reset LSR (LSR has precedence over CE) and Global Set Reset GSR enable or disable.
The register and latch LSR inputs are driven from LSRI, which is generated from the PIO control MUX. The GSR
inputs are driven from the GSR output of the PIO control MUX, which allows the global set-reset to be disabled on
a PIO basis.
Input Delay Block
The delay block uses 144 tapped delay lines to obtain coarse and fine delay resolution. These delays can be
adjusted during configuration or automatically via DLL or AIL blocks. The Adaptive Input Logic (AIL) uses this delay
block to adjust automatically the delay in the data path to ensure that it has sufficient setup and hold time.
The delay line in this block matches the delay line that is used in the 12 on-chip DLLs. The delay line can be set via
configuration bits or driven from a calibration bus that allows the setting to be controlled either from one of the on-
chip DLLs or user logic. Controlling the delay from one of the on-chip DLLs allow the delay to be calibrated to the
DLL clock and hence compensated for the variations in process, voltage and temperature.
PIO D
PIO C
PADC "T"
PADD "C"
PIO A
PADA "T"
PIO B
PADB "C"
*Differential Driver only available on right and left of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com