Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
expander. The wake-up input states are read through SPI
(WUR register).
In order to select and activate direct wake-up from the
L0:L3 inputs, the WUR register must be configured with the
appropriate level sensitivity. Additionally, the Low Power
Control (LPC) Register must be configured with 0xx0 data
(bits LX2HS and HSAUTO are set to 0).
The sensitivity of the L0:L3 inputs is selected by the WUR
register. Level sensitivity is configured by L0:L3 input pairs:
L0 and L1 level sensitivity are configured together, while L2
and L3 are configured together.
CYCLIC SENSE WAKE-UP (CYCLIC SENSE TIMER
AND WAKE-UP INPUTS L0:L3)
The 33742 can wake up upon state change of one of the
four wake-up input lines (L0:L3). The external pullup or
pulldown resistor of the switches associated with the wake-up
input lines can be biased from the HS VSUP switch. The HS
switch is activated in Sleep or Stop modes from an internal
timer. Cyclic Sense and Forced Wake-up are exclusive
states. If Cyclic Sense is enabled, Forced Wake-up cannot be
enabled.
In order to select and activate the cyclic sense wake-up
from the L0:L3 inputs, the WUR register must be configured
with the appropriate level sensitivity and the LPC register
must be configured with 1xx1 data (bit LX2HS set at 1 and bit
HSAUTO set at 1). The wake-up mode selection (direct or
cyclic sense) is valid for all four wake-up inputs.
FORCED WAKE-UP
The SBC can wake up automatically after a predetermined
time spent in Sleep or Stop mode. Cyclic Sense and Forced
Wake-up are exclusive. If Forced Wake-up is enabled (FWU
bit set to 1 in the LPC register), Cyclic Sense cannot be
enabled.
CAN INTERFACE WAKE-UP
The SBC incorporates a high-speed 1.0 Mbps CAN
physical interface. It is compatible with ISO 11898-2
standard. The operation of the CAN physical interface is
controlled through the SPI. The CAN operating modes are
independent of the 33742 operational modes.
The SBC can wake up from a CAN message if the CAN
wake-up feature is enabled. Refer to the section titled LOGIC
COMMANDS AND REGISTERS beginning on page 47 for
details of the wake-up detection.
SPI WAKE-UP
The 33742 can be awakened by changes on the CS pin in
Sleep or Stop modes. Wake-up is detected as a LOW-to-
HIGH level transition on the CS pin. In the Stop mode, this
corresponds to a condition where an MCU and the SBC are
both in the Stop mode and when the application wake-up
event comes through the MCU.
33742 POWER-UP AND WAKE-UP FROM SLEEP
MODE
After device or system power-up, or after the SBC
awakens from Sleep mode, the 33742S enters into the Reset
mode prior to moving into Normal Request mode.
Figure 13, shows the device state diagram. Figure 14,
shows device operation after power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com