Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
CAN PHYSICAL INTERFACE
The SBC features a high-speed CAN physical interface for bus communication from 60kbps up to 1.0Mbps. Figure 19 is a
simplified block diagram of the CAN interface of the 33742.
Figure 19. Simplified Block Diagram of CAN Interface
CAN INTERFACE SUPPLY
The supply voltage for the CAN transceiver is the V2 pin.
The CAN interface also has a supply path from the external
supply line through the VSUP pin. This path is used in CAN
Sleep mode to allow wake-up detection.
During CAN communication (transmission and reception),
the CAN interface current is sourced from the V2 pin. During
CAN low power mode, the current is sourced from the VSUP
pin.
MAIN OPERATION MODES DESCRIPTION
The CAN interface of the SBC has two main operating
modes: TXRX and Sleep mode. The modes are controlled by
the CAN SPI Register. In the TXRX mode, which is used for
communication, four different slew rates are available for the
user. In the Sleep mode, the user has the option of enabling
or disabling the remote CAN wake-up capability.
CAN DRIVER OPERATION IN TXRX MODE
When the CAN interface is in TXRX mode, the driver has
two states: recessive or dominant. The driver state is
controlled by the TXD pin. The bus state is reported through
the RXD pin.
When TXD is HIGH, the driver is set in recessive state, and
CANH and CANL lines are biased to the voltage set at V2
divided by 2, or approximately 2.5V.
When TXD is LOW, the bus is set into dominant state:
CANL and CANH drivers are active. CANL is pulled to
ground, and CANH is pulled HIGH toward 5.0V (voltage at
V2).
The RXD pin reports the bus state: CANH minus CANL
voltage is compared versus an internal threshold (a few
hundred millivolts). If CANH minus CANL is below the
threshold, the bus is recessive and RXD is set HIGH. If CANH
minus CANL is above the threshold, the bus is dominant and
RXD is set LOW. This is illustrated in Figure 19.
V2
Bus Termination (60
Ω)
CANH Line
CANL Line
TXD
RXD
Differential
Receiver
Driver
Driver
2.5 V
Wake-up
Wake-up
Receiver
Pattern
Recognition
Internal
VSUP
Wake-up
Signal
CANH
CANL
SPI Control
SPI Control
SPI Control
V2
V2
V2
V2
QH
QL
33742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com