Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 24. CAN Bus Simplified Structure
Table 11. Short to GND, Short to VSUP, and Short to 5.0V (VDD) Detection Truth Table
Failure Description
Driver Recessive State
Driver Dominant State
Lg (Threshold 1.75V)
Hg (Threshold 1.75V)
Lg (Threshold 1.75V)
Hg (Threshold 1.75V)
No failure
1
1
0
1
CANL to GND
0
0
0
1
CANH to GND
0
0
0
0
Lb (Threshold VSUP-2.0V) Hb (Threshold VSUP-2.0V) Lb (Threshold VSUP-2.0V)
Hb (Threshold VSUP-2.0V)
No failure
0
0
0
0
CANL to VSUP
1
1
1
1
CANH to VSUP
1
1
0
1
L5 (Threshold
VDD-0.43V) H5 (Threshold VDD-0.43V) L5 (Threshold VDD-0.43V)
H5
(Threshold
VDD-0.43V)
No failure
0
0
0
0
CANL to VDD
1
1
1
1
CANH to VDD
1
1
0
1
Hg
CANH
CANL
Lg
VDD
VRG
VRG
Hb
VRVB
Lb
VRVB
Logic
TXD
Diagnostic
VDD (5.0V)
GND (0.0V)
Recessive Level (2.5V)
VSUP (12V–14V)
VRVB (VSUP -2.0V)
VRG (1.75V)
CANL Dominant Level (1.4V)
CANH Dominant Level (3.6V)
L5
VR5
H5
VR5
VR5 (VDD -0.43V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com