Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUT PIN (VDD) (CONTINUED)(18)
Temperature Threshold Difference
TSD - TPW
20
—
40
°C
Reset Threshold
Threshold 1, Default Value after Reset, RSTTH Bit Set to Logic [0]
Threshold 2, RSTTH Bit Set to Logic [1]
VRSTTH
4.5
4.0
4.6
4.2
4.7
4.3
V
VDD for Reset Active
VDDR
1.0
—
VRSTTH
V
Line Regulation (IDD = 10mA, Capacitance = 47μF Tantalum at VDD)
9.0V < VSUP < 18V
5.5V < VSUP < 27V
VDDR
—
—
5.0
10
25
25
mV
Load Regulation (Capacitance = 47
μF Tantalum at V1)
1.0mA < IDD < 200mA
VLD
—
25
75
mV
Thermal Stability
VSUP = 13.5V, IDD = 100mA(19)
VTHERM-S
—
30
50
mV
OUTPUT PIN IN STOP MODE (VDD)(18)
VDD Output Voltage
IDD ≤ 2.0mA
IDD ≤ 10mA
VDDSTOP
4.75
4.75
5.0
5.0
5.25
5.25
V
IDD Output Current to Wake-up
IDDS-WU
10
17
25
mA
Reset Threshold(18)
Threshold 1, Default Value after Reset, RSTTH Bit Set to Logic [0]
Threshold 2, RSTTH Bit Set to Logic [1]
VRST-STOP
4.5
4.1
4.6
4.2
4.7
4.3
V
Line Regulation (Capacitance = 47
μF Tantalum at VDD)
5.5V < VSUP < 27V, IDD = 2.0mA
VLR-STOP
—
5.0
25
mV
Load Regulation (Capacitance = 47
μF Tantalum at V1)
1.0mA < IDD < 10mA
VLD-STOP
—
15
75
mV
Notes
18.
IDD is the total regulator output current. VDD specification with external capacitor. Stability requirement: capacitance > 47μF, ESR < 1.3Ω
(tantalum capacitor). In Reset, Normal Request, Normal and Standby modes, measures with capacitance = 47
μF tantalum.Selectable
by RSTTH bit in SPI Register Reset Control Register (RCR).
19.
Guaranteed by characterization and design; it is not production tested.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75V
≤ V2 ≤ 5.25V, 5.5V ≤ VSUP ≤ 18V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com