Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33742 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
55
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 36. LX2HS Control Bits
Logic
Wake-up Inputs Supplied by HS
0
No.
1
Yes. Lx inputs sensed at sampling point.
Table 37. HSAUTO Control Bits
Logic
Auto-timing HS in Sleep and Stop modes
0
OFF.
1
ON, HS Cyclic, period defined in TIM2 subregister.
Table 38. CAN-INT Control Bits
Logic(66)
Description
0
Interrupt as soon as CAN bus failure detected.
1
Interrupt when CAN bus failure detected and fully identified.
Notes
66.
If CAN-INT is at logic [0], any undetermined CAN failure will be latched in the CAN register (bit D1: CAN-UF) and can be accessed by
SPI (refer to CAN Register (CAN) on page 49). After reading the CAN register or setting CAN-INT to logic [1], it will be cleared
automatically. The existence of CAN-UF always has priority over clearing, meaning that a further undetermined CAN failure does not
allow clearing the CAN-UF bit.
Table 39. LPC Status Bits
Name
Logic
Failure Description
CANH2VDD
0
No CANH short to VDD.
1
CANH short to VDD.
CANH2BAT
0
No CANH short to VSUP.
1
CANH short to VSUP.
CANH2GND
0
No CANH short to GND.
1
CANH short to GND.
RXPR
0
No RXD permanent recessive.
1
RXD permanent recessive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com