Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C87 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 56Page - Renesas Technology Corp 32C87 Datasheet HTML 57Page - Renesas Technology Corp 32C87 Datasheet HTML 58Page - Renesas Technology Corp 32C87 Datasheet HTML 59Page - Renesas Technology Corp 32C87 Datasheet HTML 60Page - Renesas Technology Corp 32C87 Datasheet HTML 61Page - Renesas Technology Corp 32C87 Datasheet HTML 62Page - Renesas Technology Corp 32C87 Datasheet HTML 63Page - Renesas Technology Corp 32C87 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 60 of 85
Timing Requirements
(VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 5.27
External Interrupt INTi Input (Edge Sensitive)
i = 0 to 8(1)
NOTE:
1. INT6 to INT8 are provided in the 144-pin package only.
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi input high (“H”) pulse width
250
ns
tw(INL)
INTi input low (“L”) pulse width
250
ns
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com