Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C87 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 83Page - Renesas Technology Corp 32C87 Datasheet HTML 84Page - Renesas Technology Corp 32C87 Datasheet HTML 85Page - Renesas Technology Corp 32C87 Datasheet HTML 86Page - Renesas Technology Corp 32C87 Datasheet HTML 87Page - Renesas Technology Corp 32C87 Datasheet HTML 88Page - Renesas Technology Corp 32C87 Datasheet HTML 89Page - Renesas Technology Corp 32C87 Datasheet HTML 90Page - Renesas Technology Corp 32C87 Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
A - 2
REVISION HISTORY
M32C/87 Group Datasheet
57
58
60
61
62
64
65
66
69
70
71
72
73
Electrical Characteristics
• Table 5.22 Memory Expansion Mode and Microprocessor Mode th(WR-
DB)
expression on note 1 modified
• Table 5.23 Memory Expansion Mode and Microprocessor Mode th(WR-
DB)
expression on note 1 modified; th(ALE-AD) expression on note 4
modified
• Figure 5.3 Vcc1=Vcc2=5V Timing Diagram (1) tac1(RD-DB)
expression
on note 2 modified; th(WR-DB) and tw(ER) expressions on note 3 modified;
tcyc
expression added
• Figure 5.4 Vcc1=Vcc2=5V Timing Diagram (2) tac2(RD-DB) and tac2(AD-
DB)
expressions on note 1 modified; th(ALE-AD) expressions on notes 1
and 2 modified; td(DB-WR) expression on note 2 modified; tcyc expression
added
• Figure 5.5 Vcc1=Vcc2=5V Timing Diagram (3)
NMI input diagram added
• Table 5.24 Electrical Characteristics
VOH values changed;RPULLUP and
Icc values modified
• Table 5.25 A/D Conversion Characteristics tCONV
value modified
• Table 5.28 Memory Expansion Mode and Microprocessor Mode
tac1(RD-DB)
expression on note 1 modified; tac2(RD-DB) expression on
note 1 added
• Table 5.40 Memory Expansion Mode and Microprocessor Mode
th(BCLK-AD), th(BCLK-CS) and th(BCLK-RD)
values modified; th(WR-AD)
expression on note 1 modified
• Table 5.41 Memory Expansion Mode and Microprocessor Mode
th(BCLK-AD), th(BCLK-CS) and th(BCLK-RD)
values modified; th(WR-AD)
expression on note 1 modified; th(ALE-AD) expression on note 4 modified
• Figure 5.7 Vcc1=Vcc2=3.3V Timing Diagram (1) th(BCLK-AD), th(BCLK-
CS)
and th(BCLK-RD)
values modified; tac1(AD-DB) expression on note 2
modified; th(WR-DB), th(WR-AD) and tw(WR) expression on note 3 modified;
tcyc
expression added
• Figure 5.8 Vcc1=Vcc2=3.3V Timing Diagram (2) tac2(RD-DB) and
tac1(AD-DB)
expressions on note 1 modified; th(ALE-AD) expressions on
notes 1 and 2 modified; td(WR-AD), td(DB-WR) and th(WR-DB) expressions
on note 2 modified; tcyc expression added
• Figure 5.9 Vcc1=Vcc2=3.3V Timing Diagram (3)
NMI input diagram
added
1.01
Aug. 29, 05
17
Overview
• Tables 1.6 Pin Description
Intelligent I/O functions modified
29
29
Special Function Register (SFR)
• The G1BCR0 register Value after reset modified
• The G1BCR1 register Value after reset modified
49
Electrical Characteristics
• Table 5.3 Electrical Characteristics
ICC standard value modified
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com