Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C87 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 21Page - Renesas Technology Corp 32C87 Datasheet HTML 22Page - Renesas Technology Corp 32C87 Datasheet HTML 23Page - Renesas Technology Corp 32C87 Datasheet HTML 24Page - Renesas Technology Corp 32C87 Datasheet HTML 25Page - Renesas Technology Corp 32C87 Datasheet HTML 26Page - Renesas Technology Corp 32C87 Datasheet HTML 27Page - Renesas Technology Corp 32C87 Datasheet HTML 28Page - Renesas Technology Corp 32C87 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
2. Central Processing Unit (CPU)
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 25 of 85
2.1.8.7
Interrupt Enable Flag (I)
The I flag enables maskable interrupts.
Interrupts are disabled when the I flag is set to 0 and enabled when it is set to 1. The I flag becomes 0 when
an interrupt request is acknowledged.
2.1.8.8
Stack Pointer Select Flag (U)
ISP is selected when the U flag is set to 0. USP is selected when the U flag is set to 1.
The U flag becomes 0 when a hardware interrupt request is acknowledged or the INT instruction specifying
software interrupt numbers 0 to 31 is executed.
2.1.8.9
Processor Interrupt Priority Level (IPL)
IPL is 3 bits wide and assigns processor interrupt priority levels from level 0 to level 7.
If a requested interrupt has higher priority level than IPL, the interrupt is enabled.
2.1.8.10 Reserved Space
Only write 0 to bits assigned to the reserved space. When read, the bits return undefined values.
2.2
High-Speed Interrupt Registers
Registers associated with the high-speed interrupt are as follows:
• Flag save register (SVF)
• PC save register (SVP)
• Vector register (VCT)
2.3
DMAC-Associated Registers
Registers associated with the DMAC are as follows:
• DMA mode register (DMD0, DMD1)
• DMA transfer count register (DCT0, DCT1)
• DMA transfer count reload register (DRC0, DRC1)
• DMA memory address register (DMA0, DMA1)
• DMA memory address reload register (DRA0, DRA1)
• DMA SFR address register (DSA0, DSA1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com