Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C87 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 83Page - Renesas Technology Corp 32C87 Datasheet HTML 84Page - Renesas Technology Corp 32C87 Datasheet HTML 85Page - Renesas Technology Corp 32C87 Datasheet HTML 86Page - Renesas Technology Corp 32C87 Datasheet HTML 87Page - Renesas Technology Corp 32C87 Datasheet HTML 88Page - Renesas Technology Corp 32C87 Datasheet HTML 89Page - Renesas Technology Corp 32C87 Datasheet HTML 90Page - Renesas Technology Corp 32C87 Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
A - 4
REVISION HISTORY
M32C/87 Group Datasheet
42
27
27
29
31
31
32
34
34
44
SFR
•
[Register names changed]
0342h One-Shot Start Flag
→ One-Shot Start Register
0344h Up-Down Flag
→ Up/Down Select Register
•
[Value After Reset changed]
000Fh WDC 000X XXX2
→ 00XX XXXXb
002Fh D4INT 0016
→ XX00 0000b
007Bh IIO6IC XX00 X0002
→ XXXX X000b
00EFh G0CR XX00 X0112
→ 0000 X011b
00FEh G0IRF 0016
→ 0000 XXXXb
013Eh G1IRF 0016
→ 0000 XXXXb
01C7h to 01C6h U5RB XXXX XXXX XXXX 0XXX2
→ XXXXh
01CFh to 01CEh U6RB XXXX XXXX XXXX 0XXX2
→ XXXXh
038Fh to 0382h AD07 to AD01 XXXX16
→ 00XXh
47
50-53
50
51,69
53,71
54
54,55
56,73
58,74
59
60
61
62-63
65-68
69-72
75
76
77
78-79
80-83
Electrical Characteristics
• [Term changed]
Low Voltage Reset
→ Hardware Reset 2
Low Voltage Detection
→ Vdet3 and Vdet4 detection circuit
• Table 5.1 Description in Condition field of Pd (Power consumption)
partially modified
• Tables 5.2 to 5.9 f(BCLK) is changed to f(CPU)
• Table 5.4 Description added in Parameter field of f(CPU); f(VCO) added
• Tables 5.5 to 5.7 and Tables 5.31 to 5.33 Description in XCOUT and
Hysteresis in Parameter fields partially modified
• Table 5.7 and 5.33 Structure and standard values revised; items in
Measurement Condition and NOTE added
• Table 5.8 Description in Parameter field and NOTE partially modified
• Table 5.9 and 5.10 Description in Parameter field and NOTE partially
modified
• Tables 5.11 and 5.36 Description in Parameter field and standard value
partially modified
• Tables 5.19 and 5.42 added
• Table 5.24
Values revised; Table 5.25 and 5.26 added
• Table 5.27 Titles modified; NOTE added
• Table 5.28 moved to the last table in Timing Requirements
• Table 5.29 NOTE 3 added; Table 26.30 NOTE 5 added
• Figures 5.3 to 5.6 Order rearranged; measurement condition modified
• Table 5.31 to 5.35 f(BCLK) revised to f(CPU)
• Table 5.47
Values revised; Table5.48 and 5.49 added
• Table 5.50 Titles modified; NOTE added
• Table 5.51 Table moved to the last table in Timing Requirements
• Table 5.52 NOTE 3 added; Table 5.53 NOTE 5 added
• Figures 5.7 to 5.10 Order rearranged
1.51
Jul 31, 2008
−
All in this manual
[description modified]
• Title of group tables “(current table number / total tables)” added
19
21
Overview
• 1.5 Pin Descriptions Chapter and table title changed to Pin Functions
• Table 1.17 Supply voltage for AN0_0 to AN0_7, AN2_0 to AN2_7 modified
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com