Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C87 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 69Page - Renesas Technology Corp 32C87 Datasheet HTML 70Page - Renesas Technology Corp 32C87 Datasheet HTML 71Page - Renesas Technology Corp 32C87 Datasheet HTML 72Page - Renesas Technology Corp 32C87 Datasheet HTML 73Page - Renesas Technology Corp 32C87 Datasheet HTML 74Page - Renesas Technology Corp 32C87 Datasheet HTML 75Page - Renesas Technology Corp 32C87 Datasheet HTML 76Page - Renesas Technology Corp 32C87 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 73 of 85
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 5.36
External Clock Input
Table 5.37
Timer A Input (Count Source Input in Event Counter Mode)
i = 0 to 4
Table 5.38
Timer A Input (Gate Signal Input in Timer Mode)
i = 0 to 4
Table 5.39
Timer A Input (External Trigger Input in One-Shot Timer Mode)
i = 0 to 4
Table 5.40
Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
i = 0 to 4
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External clock input cycle time
41
ns
tw(H)
External clock input high (“H”) pulse width
18
ns
tw(L)
External clock input low (“L”) pulse width
18
ns
tr
External clock rise time
5
ns
tf
External clock fall time
5
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
100
ns
tw(TAH)
TAiIN input high (“H”) pulse width
40
ns
tw(TAL)
TAiIN input low (“L”) pulse width
40
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
400
ns
tw(TAH)
TAiIN input high (“H”) pulse width
200
ns
tw(TAL)
TAiIN input low (“L”) pulse width
200
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
200
ns
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com