Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C87 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 71Page - Renesas Technology Corp 32C87 Datasheet HTML 72Page - Renesas Technology Corp 32C87 Datasheet HTML 73Page - Renesas Technology Corp 32C87 Datasheet HTML 74Page - Renesas Technology Corp 32C87 Datasheet HTML 75Page - Renesas Technology Corp 32C87 Datasheet HTML 76Page - Renesas Technology Corp 32C87 Datasheet HTML 77Page - Renesas Technology Corp 32C87 Datasheet HTML 78Page - Renesas Technology Corp 32C87 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 75 of 85
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 5.46
A/D Trigger Input
Table 5.47
Serial Interface
i = 0 to 6
Table 5.48
Intelligent I/O Communication Function (Groups 0 and 1)
i = 0, 1
Table 5.49
Intelligent I/O Communication Function (Group 2)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(AD)
ADTRG input cycle time (required for trigger)
1000
ns
tw(ADL)
ADTRG input low (“L”) pulse width
125
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
200
ns
tw(CKH)
CLKi input high (“H”) pulse width
100
ns
tw(CKL)
CLKi input low (“L”) pulse width
100
ns
td(C-Q)
TXDi output delay time
80
ns
th(C-Q)
TXDi output hold time
0
ns
tsu(D-C)
RXDi input setup time
70
ns
th(C-D)
RXDi input hold time
90
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
ISCLKi input cycle time
600
ns
tw(CKH)
ISCLKi input high (“H”) pulse width
300
ns
tw(CKL)
ISCLKi input low (“L”) pulse width
300
ns
td(C-Q)
ISTXDi output delay time
100
ns
th(C-Q)
ISTXDi output hold time
0
ns
tsu(D-C)
ISRXDi input setup time
100
ns
th(C-D)
ISRXDi input hold time
100
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
ISCLK2 input cycle time
600
ns
tw(CKH)
ISCLK2 input high (“H”) pulse width
300
ns
tw(CKL)
ISCLK2 input low (“L”) pulse width
300
ns
td(C-Q)
ISTXD2 output delay time
180
ns
th(C-Q)
ISTXD2 output hold time
0
ns
tsu(D-C)
ISRXD2 input setup time
150
ns
th(C-D)
ISRXD2 input hold time
100
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com