Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404849FS Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # HD404849FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404849FS Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button HD404849FS Datasheet HTML 30Page - Renesas Technology Corp HD404849FS Datasheet HTML 31Page - Renesas Technology Corp HD404849FS Datasheet HTML 32Page - Renesas Technology Corp HD404849FS Datasheet HTML 33Page - Renesas Technology Corp HD404849FS Datasheet HTML 34Page - Renesas Technology Corp HD404849FS Datasheet HTML 35Page - Renesas Technology Corp HD404849FS Datasheet HTML 36Page - Renesas Technology Corp HD404849FS Datasheet HTML 37Page - Renesas Technology Corp HD404849FS Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 127 page
background image
HD404849 Series
32
Standby
Oscillator: Active
Peripheral clocks: Active
All other clocks: Stop
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Yes
(SBY
only)
Watch
Oscillator: Stop
Suboscillator: Active
Peripheral clocks: Stop
All other clocks: Stop
Restart
processor clocks
Reset MCU
Execute
next instruction
Accept interrupt
Restart
processor clocks
No
Yes
IF = 1,
IM = 0, and
IE = 1?
IF0 •
IM0 = 1?
IF1 •
IM1 = 1?
IFTA •
IMTA
= 1?
IFTB •
IMTB + IF2 •
IM2 = 1?
IFTC •
IMTC + IF3 •
IM3 = 1?
IFTD •
IMTD = 1?
No
Yes
IFAD •
IMAD + IFS •
IMS = 1?
No
Stop
Oscillator: Stop
Suboscillator: Active/Stop
Peripheral clocks: Stop
All other clocks: Stop
RESET = 0?
STOPC = 0?
RAME = 1
RAME = 0
Yes
Yes
No
No
Execute
next instruction
(SBY
only)
(SBY
only)
(SBY
only)
(SBY
only)
RESET = 0?
Figure 15 MCU Operation Flowchart
Stop Mode: In stop mode, all MCU operations stop and RAM data is retained. Therefore, the power
dissipation in this mode is the least of all modes. The OSC
1 and OSC2 oscillator stops.
The X1 and X2
oscillator can be selected to operate by setting bit 3 of the system clock select register (SSR: $029;
operating: SSR3 = 0, stop: SSR3 = 1) (figure 26). The MCU enters stop mode if the STOP instruction is
executed in active mode when bit 3 of timer mode register A (TMA: $008) is set to 0 (TMA3 = 0) (figure
41).
Stop mode is terminated by a
RESET input or a STOPC input as shown in figure 16. RESET or STOPC
must be applied for at least one t
RC to stabilize oscillation (refer to the AC Characteristics section).
When
the MCU restarts after stop mode is cancelled, all RAM contents before entering stop mode are retained,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com