Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404849FS Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # HD404849FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404849FS Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button HD404849FS Datasheet HTML 32Page - Renesas Technology Corp HD404849FS Datasheet HTML 33Page - Renesas Technology Corp HD404849FS Datasheet HTML 34Page - Renesas Technology Corp HD404849FS Datasheet HTML 35Page - Renesas Technology Corp HD404849FS Datasheet HTML 36Page - Renesas Technology Corp HD404849FS Datasheet HTML 37Page - Renesas Technology Corp HD404849FS Datasheet HTML 38Page - Renesas Technology Corp HD404849FS Datasheet HTML 39Page - Renesas Technology Corp HD404849FS Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
HD404849 Series
34
Active mode
Watch mode
Active mode
Oscillation
stabilization period
Interrupt strobe
INT
Interrupt request
generation
(During the transition
from watch mode to
active mode only)
0
TT
t RC
Tx
T:
t
:
RC
Interrupt frame length
Oscillation stabilization period
Figure 17 Interrupt Frame
Bit
Initial value
Read/Write
Bit name
3
0
W
MIS3
2
0
W
MIS2
0
0
W
MIS0
1
0
W
MIS1
Miscellaneous register (MIS: $00C)
MIS1
0
MIS0
T *
0
0.24414 ms
tRC
0.12207 ms
0.24414 ms
7.8125 ms
31.25 ms
Oscillation circuit conditions
External clock input
Ceramic oscillator
Crystal oscillator
0
1
1
1
0
1
15.625 ms
62.5 ms
Not used
—
Notes: 1.
2.
The values of T and tRC are applied when a 32.768-kHz crystal oscillator is used.
The value is applied only when direct transfer operation is used.
Buffer control.
Refer to figure 38.
MIS3
MIS2
1
* 1
* 2
Figure 18 Miscellaneous Register (MIS)
Subactive Mode: The OSC
1 and OSC2 oscillator stops and the MCU operates with a clock generated by
the X1 and X2 oscillator. In this mode, functions except the A/D conversion operate. However, because
the operating clock slows down, power dissipation is reduced, next least to watch mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com