Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404849FS Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # HD404849FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404849FS Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button HD404849FS Datasheet HTML 59Page - Renesas Technology Corp HD404849FS Datasheet HTML 60Page - Renesas Technology Corp HD404849FS Datasheet HTML 61Page - Renesas Technology Corp HD404849FS Datasheet HTML 62Page - Renesas Technology Corp HD404849FS Datasheet HTML 63Page - Renesas Technology Corp HD404849FS Datasheet HTML 64Page - Renesas Technology Corp HD404849FS Datasheet HTML 65Page - Renesas Technology Corp HD404849FS Datasheet HTML 66Page - Renesas Technology Corp HD404849FS Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
HD404849 Series
61
T
× (N + 1)
T
× 256
T
T
× (256 – N)
TMC13 = 0
The waveform is always fixed low when N = $FF.
T:
N:
TMC13 = 1
Input clock period to counter (the clock source and frequency
division ratio are controlled in timer mode registers B1, C1, and D1)
The value in timer write registers C and D
Note:
TMD13 = 0
(free-running timer setting)
256 clock cycles
256 clock cycles
Free-running timer
(1) Toggle output waveform (timers B, C, and D)
(2) PWM output waveform (timers C and D)
(256 – N)
clock cycles
(256 – N)
clock cycles
Reload timer
TMD13 = 1
(reload timer setting)
Figure 43 Timer Output Waveform
Registers for Timer B Operation: By using the following registers, timer B operation modes are selected
and the timer B count is read and written.
 Timer mode register B1 (TMB1: $009)
 Timer mode register B2 (TMB2: $013)
 Timer write register B (TWBL: $00A, TWBU: $00B)
 Timer read register B (TRBL: $00A, TRBU: $00B)
 Port mode register C (PMRC: $025)
• Timer mode register B1 (TMB1: $009): Four-bit write-only register that selects the free-running/reload
timer function, input clock source, and prescaler division ratio as shown in figure 44. It is reset to $0 by
MCU reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com