Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7480 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 37Page - Renesas Technology Corp 7480 Datasheet HTML 38Page - Renesas Technology Corp 7480 Datasheet HTML 39Page - Renesas Technology Corp 7480 Datasheet HTML 40Page - Renesas Technology Corp 7480 Datasheet HTML 41Page - Renesas Technology Corp 7480 Datasheet HTML 42Page - Renesas Technology Corp 7480 Datasheet HTML 43Page - Renesas Technology Corp 7480 Datasheet HTML 44Page - Renesas Technology Corp 7480 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
40
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
STP/WIT Instruction Control
The STP instruction and the WIT instruction can be enabled or
disabled selectively by using the STP instruction operation control
register. To cope with a program runaway after reset, the STP in-
struction and the WIT instruction are disabled in the initial status.
The STP and WIT instructions can be set as enable/disable only
by writing to the STP instruction operation control register twice
successively so as not to stop the oscillation clock even if a write
data error is caused by program runaway. Figure 41 shows a
structure of the STP instruction operation control register.
Fig. 41 Structure of STP instruction operation control register
Explanation of STP Instruction Operation
Control Register
The STP instruction operation control register will be enabled by
writing data to the same address twice successively. If data is not
written in continuous form, the written data is not valid but the pre-
vious value is held.
If an interrupt is received while the same data is written twice,
there is a possibility that the write instruction in the interrupt rou-
tine may be executed. For this reason, rewriting is required after
interrupt disable. Figure 42 shows a reference example of data re-
writing.
Fig. 42 Reference example of data rewriting
b7
b0
STP instruction operation control register
(STPCON: address 00DE 16)
STP instruction and WIT instruction enable/disable selection bit (Note)
0 : STP/WIT instruction enabled
1 : STP/WIT instruction disabled
Not used (“0” at read)
The STP instruction and the WIT instruction are disabled in the initial status. When using these
instructions, set bit 0 of the STP instruction operation control register to “1”, then set this bit to “0”.
(Writing twice successively)
When not using the STP and WIT instructions, set this bit to “1” either once or twice.
Note :
qSTP/WIT instruction enable
SEI
LDM #01H, 0DEH
LDM #00H, 0DEH
CLI
Use only in interrupt enable status
Interrupt
disable in
this period
•
•
•
qSTP/WIT instruction disable
SEI
LDM #01H, 0DEH
LDM #01H, 0DEH
CLI
Use only in interrupt enable status
Interrupt
disable in
this period
•
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com