Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7480 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 57Page - Renesas Technology Corp 7480 Datasheet HTML 58Page - Renesas Technology Corp 7480 Datasheet HTML 59Page - Renesas Technology Corp 7480 Datasheet HTML 60Page - Renesas Technology Corp 7480 Datasheet HTML 61Page - Renesas Technology Corp 7480 Datasheet HTML 62Page - Renesas Technology Corp 7480 Datasheet HTML 63Page - Renesas Technology Corp 7480 Datasheet HTML 64Page - Renesas Technology Corp 7480 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
60
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
A-D conversion
not executed
A-D conversion
in progress
A-D conversion
not executed
A-D conversion
in progress
A-D conversion
not executed
A-D conversion
in progress
A-D conversion
not executed
A-D conversion
in progress
A-D conversion
not executed
A-D conversion
in progress
A-D conversion
not executed
A-D conversion
in progress
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
Ta = 25 °C
Ta = 85 °C
M37481M4/M8/E8-XXXSP/FP, M37481M2T/M4T/M8T/E8T-XXXSP/FP, M37481E8SS
Table 14. Electrical characteristics (cont.)
Max.
Standard values
Symbol
Parameter
Min.
Typ.
Unit
Test conditions
7
8
3.6
4
14
15
3.5
4
1.8
2
7
7.5
2
1
4
1.8
0.9
3.6
1
10
VRAM
ICC
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
µA
µA
2
3.5
4
1.8
2
7
7.5
1.75
2
0.9
1
3.5
3.75
1
0.5
2
0.9
0.45
1.8
0.1
1
In high-speed mode,
f(XIN) = 4 MHz,
VCC = 5 V
In high-speed mode,
f(XIN) = 4 MHz,
VCC = 3 V
In high-speed mode,
f(XIN) = 8 MHz,
VCC = 5 V
In medium-speed
mode, f(XIN) = 4 MHz,
VCC = 5 V
In medium-speed
mode, f(XIN) = 4 MHz,
VCC = 3 V
In medium-speed
mode, f(XIN) = 8 MHz,
VCC = 5 V
In high-speed mode,
f(XIN) = 4 MHz
In high-speed mode,
f(XIN) = 8 MHz
In medium-speed
mode, f(XIN) = 4 MHz
In medium-speed
mode, f(XIN) = 8 MHz
f(XIN) = 0
VCC = 5 V
RAM retention voltage
Power source current
At clock stop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com