Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7480 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 43Page - Renesas Technology Corp 7480 Datasheet HTML 44Page - Renesas Technology Corp 7480 Datasheet HTML 45Page - Renesas Technology Corp 7480 Datasheet HTML 46Page - Renesas Technology Corp 7480 Datasheet HTML 47Page - Renesas Technology Corp 7480 Datasheet HTML 48Page - Renesas Technology Corp 7480 Datasheet HTML 49Page - Renesas Technology Corp 7480 Datasheet HTML 50Page - Renesas Technology Corp 7480 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
46
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
BUILT-IN PROGRAMMABLE ROM VERSIONS
M37480E8-XXXSP/FP, M37480E8T-XXXSP/FP, M37481E8-XXXSP/FP, M37481E8T-XXXSP/FP,
M37481E8SS
PIN DESCRIPTION
Table 5. Pin description
VCC, VSS
AVSS
(Note 1)
VREF
_____
RESET
P00 – P07
P10 – P17
P20 – P27
(Note 2)
P30 – P33
P40 – P43
(Note 3)
P50 – P53
(Note 4)
Single-chip/
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Single-chip
EPROM
Power source
Reference power
input
Mode input
Reset input
Reset input
I/O port P0
Data I/O D0 – D7
I/O port P1
Address input
A4 – A10
Input port P2
Address input
A0 – A3
Input port P3
Address input
A11, A12, mode
input, VPP input
I/O port P4
Address input
A13, A14
I/O port P5
Input port P5
Apply a voltage of 2.7 to 5.5 V to VCC and 0 V to VSS and AVSS.
Reference voltage input pin for A-D converter.
__
Used as CE input pin.
Reset input pin.
Connect to VSS.
These are I/O pins of internal clock generating circuit for the main
clock. To control generating frequency, an external ceramic resona-
tor is connected between XIN and XOUT pins. If an external clock is
used, the clock oscillation source should be connected to the XIN
pin, and the XOUT pin should be left open. Feedback resistor is con-
nected between XIN and XOUT.
8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, a pull-up transistor can be con-
nected in units of 1 bit, and a key-on wake-up function is provided.
Data 8-bit (D0 to D7) I/O pins
8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, a pull-up transistor can be con-
nected in units of 4 bits. P12 and P13 are in common with timer
output pins T0 and T1. P14, P15, P16 and P17 are in common with
____
serial I/O pins RxD, TxD, SCLK and SRDY.
P11 to P17 are address (A4 to A10) input pins. Leave P10 open.
8-bit input port. This port is in common with analog input pins IN0 to
IN7 (IN0 to IN3 for the 7480 group).
P20 to P23 are address (A0 to A3) input pins. Leave P24 to P27
open.
4-bit input port. P30 and P31 are in common with external interrupt
input pins INT0 and INT1.
__
P30 and P31 are address (A11, A12) input pins. P32 is used for OE
input. P33 is VPP input. Apply VPP in the program and program
verify modes.
4-bit I/O port. The output structure is N-channel open drain output,
having built-in clamp diode. P40 and P41 are in common with timer
input pins CNTR0 and CNTR1.
P40 and P41 are address (A13, A14) input pins. Leave P42 and P43
open.
4-bit I/O port. The output structure is N-channel open drain output,
having a built-in clamp diode.
Leave these pins open.
Clock input
Clock output
Single-chip/
EPROM
Single-chip/
EPROM
XIN
XOUT
Notes 1 : This is a dedicated pin for the 44P6N-A package in the 7481 group.
2 : Only 4 bits of P20 to P23 (IN0 to IN3) for the 7480 group.
3 : Only 2 bits of P40 and P41 for the 7480 group.
4 : This is a dedicated pin for the 7481 group.
Input
Input
Input
Input
I/O
I/O
I/O
Input
Input
Input
Input
Input
I/O
Input
I/O
Input
Input
Output
Pin
Function
Name
Input/
output
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com