Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35074 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 5Page - Renesas Technology Corp M35074 Datasheet HTML 6Page - Renesas Technology Corp M35074 Datasheet HTML 7Page - Renesas Technology Corp M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp M35074 Datasheet HTML 10Page - Renesas Technology Corp M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp M35074 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
8
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTC6
PTC7
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
PTD6
PTD7
TEST11
TEST12
–
–
–
–
–
–
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
P0 output (port P0).
BLNK output
P1 output (port P1).
CO0 output
P2 output (port P2).
CO1 output
P3 output (port P3).
CO2 output
P4 output (port P4).
CO3 output
P5 output (port P5).
CO4 output
P6 output (port P6).
CO5 output
P7 output (port P7).
CO6 output
At the port output, it is "L" fixed. At the BLNK signal output, it is negative polarity.
At the port output, it is "L" fixed. At the BLNK signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO0 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO0 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO1 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO1 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO2 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO2 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO3 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO3 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO4 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO4 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO5 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO5 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO6 signal output, it is negative polarity.
At the port output, it is "L" fixed. At the CO6 signal output, it is negative polarity.
Set it as "0" at the time of the internal clock mode.
Set it as "0" at the time of the external clock mode1, 2.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
P0 pin output control.
P1 pin output control.
P2 pin output control.
P3 pin output control.
P4 pin output control.
P5 pin output control.
P6 pin output control.
P7 pin output control.
P0 pin data control.
P1 pin data control.
P2 pin data control.
P3 pin data control.
P4 pin data control.
P5 pin data control.
P6 pin data control.
P7 pin data control.
DA
Function
Remarks
Register
Contents
Status
(2) Address 12116
Note: The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com