Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35074 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 26Page - Renesas Technology Corp M35074 Datasheet HTML 27Page - Renesas Technology Corp M35074 Datasheet HTML 28Page - Renesas Technology Corp M35074 Datasheet HTML 29Page - Renesas Technology Corp M35074 Datasheet HTML 30Page - Renesas Technology Corp M35074 Datasheet HTML 31Page - Renesas Technology Corp M35074 Datasheet HTML 32Page - Renesas Technology Corp M35074 Datasheet HTML 33Page - Renesas Technology Corp M35074 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
29
ABSOLUTE MAXIMUM RATINGS (VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS (VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS 1 VDD = 5V (VDD = 5.00V, Ta = 25°C, unless otherwise noted)
Typ.
5.0
40
—
—
30
—
Notes 1: The current from the IC must not exceed – 0.4 mA/port at any of the port pins (P0 to P7).
2: The current flowing into the IC must not exceed 0.4 mA/port at any of port pins (P0 to P7).
Symbol
VDD
VI
VO
Pd
Topr
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = +25 °C
Ratings
–0.3 to +6.0
VSS –0.3
≤ VI ≤ VDD +0.3
VSS
≤ VO ≤ VDD
+300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Unit
V
mA
V
V
k
Ω
V
Min.
4.75
—
3.5
—
10
0.6 ✕ VDD
Parameter
Supply voltage
Supply current
"H" level output voltage
"L" level output voltage
__
__
Pull-up resistance AC, CS
External clock input width
Ta = –20 to +85°C
VDD = 5.00V
VDD = 4.75V, IOH = -0.4mA
VDD = 4.75V, IOH = -0.05mA
VDD = 4.75V, IOL = 0.4mA
VDD = 4.75V, IOL = 0.05mA
VDD = 4.75V, IOL = 3.0mA
VDD = 5.00V
4.75V
≤ VDD ≤ 5.25V
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
5.25
60
—
0.4
100
0.9 ✕ VDD
P0 to P7 (Note1)
CPOUT
P0 to P7 (Note2)
CPOUT
SIN/SDA
Test conditions
Limits
Symbol
Parameter
VDD
VIH
VIL
FOSC
H.sync
Min.
4.75
3.00
0.8 ✕ VDD
0.7 ✕ VDD
0
0
6.3
6.3
20.0
20.0
15.0
15.0
Typ.
5.00
3.30
VDD
VDD
0
0
–
–
–
–
–
–
Max.
5.25
3.60
VDD
VDD
0.2 ✕ VDD
0.3 ✕ VDD
80.0
40.0
120.0
120.0
130.0
60.0
Unit
V
V
V
V
V
V
MHz
MHz
MHz
MHz
kHz
kHz
Supply voltage
"H" level input voltage
"L" level input voltage
Oscillating frequency
for display
Horizontal synchronous signal input frequeney
5V
3.3V
__
__
AC, CS, HOR, VERT
SCK/SCL, SIN/SDA
__
__
AC, CS, HOR, VERT
SCK/SCL, SIN/SDA
External clock mode 1
External clock mode 2
Internal clock mode
VDD=4.75 to 5.25V
VDD=3.00 to 3.60V
VDD=4.75 to 5.25V
VDD=4.75 to 5.25V
VDD=4.75 to 5.25V
VDD=3.00 to 3.60V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com