Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35074 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 27Page - Renesas Technology Corp M35074 Datasheet HTML 28Page - Renesas Technology Corp M35074 Datasheet HTML 29Page - Renesas Technology Corp M35074 Datasheet HTML 30Page - Renesas Technology Corp M35074 Datasheet HTML 31Page - Renesas Technology Corp M35074 Datasheet HTML 32Page - Renesas Technology Corp M35074 Datasheet HTML 33Page - Renesas Technology Corp M35074 Datasheet HTML 34Page - Renesas Technology Corp M35074 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
30
ELECTRICAL CHARACTERISTICS 2 VDD = 3.3V (VDD = 3.30V, Ta = 25°C, unless otherwise noted)
Typ.
3.30
20
—
—
—
—
Notes 1: The current from the IC must not exceed – 0.1 mA/port at any of the port pins (P0 to P7).
2: The current flowing into the IC must not exceed 0.1 mA/port at any of port pins (P0 to P7).
Unit
V
mA
V
V
k
Ω
V
Min.
3.00
—
2.60
—
30
0.9 ✕ VDD
Parameter
Supply voltage
Supply current
"H" level output voltage
"L" level output voltage
__
__
Pull-up resistance AC, CS
External clock input width
Ta = –20 to +85°C
VDD = 3.30V
VDD = 3.00V, IOH = -0.1mA
VDD = 3.00V, IOL = 0.1mA
VDD = 3.30V
3.00V
≤ VDD ≤ 3.60V
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
3.60
30
—
0.4
150
VDD
P0 to P7 (Note1)
P0 to P7 (Note2)
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com