Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35074 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp M35074 Datasheet HTML 10Page - Renesas Technology Corp M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp M35074 Datasheet HTML 13Page - Renesas Technology Corp M35074 Datasheet HTML 14Page - Renesas Technology Corp M35074 Datasheet HTML 15Page - Renesas Technology Corp M35074 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
11
(5) Address 12416
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
LINE2
LINE3
LINE4
LINE5
LINE6
LINE7
LINE8
LINE9
LINE10
LINE11
LINE12
LINE13
LINE14
LINE15
LINE16
LINE17
—
—
—
—
—
—
—
—
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Character dot size setting in the vertical
direction for the 2nd line.
The vertical dot size for line n in the character dot lines
(18 vertical lines) is set using LINn (n = 2 to 17).
Dot size can be selected between 2 types for each dot line.
For dot size, see the below registers. Line 1 and lines 2 to
2 can be set independent of one another.
Character dot size setting in the vertical
direction for the 10th line.
Character dot size setting in the vertical
direction for the 6th line.
Character dot size setting in the vertical
direction for the 12th line.
Character dot size setting in the vertical
direction for the 8th line.
Character dot size setting in the vertical
direction for the 4th line.
Character dot size setting in the vertical
direction for the 16th line.
Character dot size setting in the vertical
direction for the 14th line.
Character dot size setting in the vertical
direction for the 5th line.
Character dot size setting in the vertical
direction for the 15th line.
Character dot size setting in the vertical
direction for the 11th line.
Character dot size setting in the vertical
direction for the 9th line.
Character dot size setting in the vertical
direction for the 13th line.
Character dot size setting in the vertical
direction for the 7th line.
Character dot size setting in the vertical
direction for the 17th line.
Character dot size setting in the vertical
direction for the 3rd line.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
DA
Function
Remarks
Register
Contents
Status
LINn = "0"
Refer to VSZ1L0
and VSZ1L1
Refer to VSZ2L0
and VSZ2L1
LINn = "1"
Refer to VSZ1H0
and VSZ1H1
Refer to VSZ2H0
and VSZ2H1
1st line
2nd to 12th line
Note: The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com