Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35074 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp M35074 Datasheet HTML 13Page - Renesas Technology Corp M35074 Datasheet HTML 14Page - Renesas Technology Corp M35074 Datasheet HTML 15Page - Renesas Technology Corp M35074 Datasheet HTML 16Page - Renesas Technology Corp M35074 Datasheet HTML 17Page - Renesas Technology Corp M35074 Datasheet HTML 18Page - Renesas Technology Corp M35074 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
14
(8) Address 12716
Note: The mark
around the status value means the reset status by the "L" level is input to AC pin.
DA
Function
Remarks
Register
Contents
Status
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
B/F
VMASK
POLV
POLH
TEST13
TEST14
TEST15
TEST16
TEST17
TEST30
DSPON
RAMERS
SPACE0
SPACE1
SPACE2
–
–
–
–
–
–
–
–
–
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Synchronize with the leading edge of horizontal synchronization.
Synchronize with the trailing edge of horizontal synchronization.
Do not mask by VERT input signal.
Mask by VERT input signal.
VERT pin is negative polarity.
VERT pin is positive polarity.
HOR pin is negative polarity.
HOR pin is positive polarity.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Display OFF
Display ON
RAM not erased
RAM erased
Sets mask at phase comparison operating.
VERT pin polarity setting.
HOR pin polarity setting.
When register RAMERS is set to "1", do not stop the
display clock. There is no need to reset because there
is no register for this bit.
(S) represents one line worth of space
Leave one line worth of space in the
vertical direction.
For example, 6 (S) 6 indicates two sets
of 6 lines with a line of spaces between
lines 6 and 7.
A line is 18 ✕ N horizontal scan lines.
N is determined by the character size in
the vertical direction
SPACE1
0
0
1
1
0
0
1
1
Number of Lines and Space<(S) represents space>
12
1 (S) 10 (S) 1
2 (S) 8 (S) 2
3 (S) 6 (S) 3
4 (S) 4 (S) 4
5 (S) 2 (S) 5
6 (S) 6
6 (S)(S) 6
SPACE2
0
0
0
0
1
1
1
1
SPACE0
0
1
0
1
0
1
0
1
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Synchronize with the front porch or back
porch of the horizontal synchronization signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com