Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35074 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 6Page - Renesas Technology Corp M35074 Datasheet HTML 7Page - Renesas Technology Corp M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp M35074 Datasheet HTML 10Page - Renesas Technology Corp M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp M35074 Datasheet HTML 13Page - Renesas Technology Corp M35074 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
9
Display area
Note 2
Note 2
HS
VS
HOR
Note 2
Note 2
Monitor display
Display area
Note 2
Note 2
HS
VS
HOR
Note 2
Note 2
Monitor display
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
HP0
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
HP9
HP10
HP11
VP0
VP1
VP2
VP3
VP4
VP5
VP6
VP7
VP8
VP9
VP10
–
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Horizontal display start location is specified
using the 12 bits from HP11 to HP0.
HP11 to HP0 = (0000000000002) and
(0000001001112) setting is forbidden.
The vertical start location is specified using
the 11 bits from VP10 to VP0.
VP10 to VP0 = (000000000002)
setting is forbidden.
If HS is the horizontal display start location,
HS = T ✕ (
2 HPn + m)
T: Period of display frequency
4055 settings are possible.
m : offset value differ for the setting of the register EXCK0
and EXCK1. It shown below.
11
Σ
n = 0
If VS is the vertical display start location,
VS = H ✕
2 VPn
H
: Cycle with the horizonal synchronizing pulse
2047 settings are possible.
HS*(shown left) shows horizontal display
start location this is register B/F
(address 12716) = "0" is set.
n
n
10
Σ
n = 0
EXCK1
EXCK0
m
0
0
13
0
1
13
1
0
Do not set
1
1
19
Fix to "0".
Can not be used.
DA
Function
Remarks
Register
Contents
Status
(3) Address 12216
Note 1: The mark
around the status value means the reset status by the "L" level is input to AC pin.
2: Set up the horizontal and vertical display start location so that display range may not exceed it.
Set the character code "1FF16" (blank without background) for the display RAM of the part which the display range exceeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com