Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 106Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 107Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 108Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 109Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 110Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 111Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 112Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 113Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 82 of 1164
REJ09B0321-0200
PLL Frequency
Multiplier
Selectable Frequency Range (MHz)
Clock
Operating
Mode
FRQCR
Setting
PLL
Circuit 1
PLL
Circuit 2
Ratio of
Internal Clock
Frequencies
(I:B:P)
*
1
Input Clock
*
2
Output Clock
(CKIO Pin)
*
3
Internal Clock
(I
φ)*
3
Bus Clock
(B
φ)*
3
Peripheral
Clock (P
φ)*
3
3
H'1404
ON (
×6)
OFF
6:1:1
20
120
20
20
H'1406
ON (
×6)
OFF
6:1:1/2
20
120
20
10
H'1414
ON (
×6)
OFF
3:1:1
20 to 33.33
60 to 100
20 to 33.33
20 to 33.33
H'1416
ON (
×6)
OFF
3:1:1/2
20 to 33.33
60 to 100
20 to 33.33
10 to 16.67
H'1424
ON (
×6)
OFF
2:1:1
20 to 33.33
40 to 66.67
20 to 33.33
20 to 33.33
H'1426
ON (
×6)
OFF
2:1:1/2
20 to 33.33
40 to 66.67
20 to 33.33
10 to 16.67
H'1444
ON (
×6)
OFF
1:1:1
20 to 33.33
20 to 33.33
20 to 33.33
20 to 33.33
H'1446
ON (
×6)
OFF
1:1:1/2
20 to 33.33
20 to 33.33
20 to 33.33
10 to 16.67
H'1515
ON (
×8)
OFF
4:1:1
20 to 25
80 to 100
20 to 25
20 to 25
H'1535
ON (
×8)
OFF
2:1:1
20 to 25
40 to 50
20 to 25
20 to 25
H'1555
ON (
×8)
OFF
1:1:1
20 to 25
20 to 25
20 to 25
20 to 25
Notes:
1. The ratio of clock frequencies, where the input clock frequency is assumed to be 1.
2. In modes 0 and 2, the frequency of the clock input from the EXTAL pin or the
frequency of the crystal resonator. In mode 3, the frequency of the clock input from
the CKIO pin.
3. Use an internal clock (I
φ) frequency of 120 MHz or lower for the regular specifications
and 100 MHz or lower for the wide-range specifications. Use a CKIO pin or bus clock
(B
φ) frequency of 60 MHz or lower. Pφ must be from 5 through 40 MHz.
Caution:
1. The frequency of the internal clock is the frequency of the signal input to the CKIO
pin after multiplication by the frequency-multiplier of PLL circuit 1 and division by the
divider's divisor. Do not set a frequency for the internal clock below the frequency of
the signal on the CKIO pin.
2. The frequency of the peripheral clock is the frequency of the signal input to the CKIO
pin after multiplication by the frequency-multiplier of PLL circuit 1 and division by the
divider's divisor. Set the frequency of the peripheral clock to 40 MHz or below. In
addition, do not set a higher frequency for the internal clock than the frequency on
the CKIO pin.
3. The frequency multiplier of PLL circuit 1 can be selected as
×1, ×2, ×3, ×4, ×6, or ×8.
The divisor of the divider can be selected as
×1, ×1/2, ×1/3, ×1/4, ×1/6, ×1/8, or
×1/12. The settings are made in the frequency-control register (FRQCR).
4. The signal output by PLL circuit 1 is the signal on the CKIO pin multiplied by the
frequency multiplier of PLL circuit 1. Ensure that the frequency of the signal from PLL
circuit 1 is not more than 200 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com