Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 109Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 110Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 111Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 112Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 113Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 114Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 115Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 116Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 85 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
6 to 4
IFC[2:0]
000
R/W
Internal Clock Frequency Division Ratio
These bits specify the frequency division ratio of the
internal clock with respect to the output frequency of
PLL circuit 1.
000:
× 1 time
001:
× 1/2 time
010:
× 1/3 time
011:
× 1/4 time
100:
× 1/6 time
101:
× 1/8 time
3
RNGS
0
R/W
Output Range Select for PLL Circuit 1
When the multiplication ratio for the PLL circuit 1 is
specified to
× 3, set this bit according to the output
frequency of the PLL circuit 1.
0: Low frequency mode
(Output frequency of the PLL circuit 1 is equal to
or smaller than 120 MHz.)
1: High frequency mode
(Multiplication ratio for the PLL circuit 1 is specified
to
× 3 and its output frequency exceeds 120 MHz.)
2 to 0
PFC[2:0]
011
R/W
Peripheral Clock Frequency Division Ratio
These bits specify the frequency division ratio of the
peripheral clock with respect to the output frequency
of PLL circuit 1.
000:
× 1 time
001:
× 1/2 time
010:
× 1/3 time
011:
× 1/4 time
100:
× 1/6 time
101:
× 1/8 time
110:
× 1/12 time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com