Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 112Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 113Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 114Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 115Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 116Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 117Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 118Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 119Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 88 of 1164
REJ09B0321-0200
4.5.2
Changing the Division Ratio
Counting by the WDT does not proceed if the frequency divisor is changed but the multiplier is
not.
1. In the initial state, IFC[2:0]
= B'000 and PFC[2:0] = B'011.
2. Set the desired value in the IFC[2:0] and PFC[2:0] bits. The values that can be set are limited
by the clock operating mode and the multiplication rate of PLL circuit 1. Note that if the wrong
value is set, this LSI will malfunction.
3. After the register bits (IFC[2:0] and PFC[2:0]) have been set, the clock is supplied of the new
division ratio.
Note:
When executing the SLEEP instruction after the frequency has been changed, be sure to
read the frequency control register (FRQCR) three times before executing the SLEEP
instruction.
4.6
Notes on Board Design
4.6.1
Note on Inputting External Clock
Figure 4.2 is an example of connecting the external clock input. When putting the XTAL pin in
open state, make sure the parasitic capacitance is less than or equal to 10 pF. To stably input the
external clock with enough PLL stabilizing time at power on or releasing the standby, wait longer
than the oscillation stabilizing time.
EXTAL
XTAL
Example of connection with XTAL pin open
Open state
External clock input
Figure 4.2 Example of Connecting External Clock
For details on input conditions of the external clock, see section 29.3.1, Clock Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com