Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7261 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 101Page - Renesas Technology Corp SH7261 Datasheet HTML 102Page - Renesas Technology Corp SH7261 Datasheet HTML 103Page - Renesas Technology Corp SH7261 Datasheet HTML 104Page - Renesas Technology Corp SH7261 Datasheet HTML 105Page - Renesas Technology Corp SH7261 Datasheet HTML 106Page - Renesas Technology Corp SH7261 Datasheet HTML 107Page - Renesas Technology Corp SH7261 Datasheet HTML 108Page - Renesas Technology Corp SH7261 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1348 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 2.00 Sep. 07, 2007 Page 73 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
17 to 12
Cause
All 0
R/W
11 to 7
Enable
All 0
R/W
6 to 2
Flag
All 0
R/W
FPU Exception Cause Field
FPU Exception Enable Field
FPU Exception Flag Field
When an FPU exception occurs, the bits corresponding
to the FPU exception cause field and FPU exception
flag field are set to 1. Each time an FPU operation
instruction is executed, the FPU exception cause field
is cleared to 0. The FPU exception flag field remains
set to 1 until it is cleared to 0 by software.
For bit allocations of each field, see table 3.3.
1
0
RM1
RM0
0
1
R/W
R/W
Rounding Mode
These bits select the rounding mode.
00: Round to Nearest
01: Round to Zero
10: Reserved
11: Reserved
Table 3.3
Bit Allocation for FPU Exception Handling
Field Name
FPU
Error (E)
Invalid
Operation (V)
Division
by Zero (Z)
Overflow
(O)
Underflow
(U)
Inexact
(I)
Cause
FPU exception
cause field
Bit 17
Bit 16
Bit 15
Bit 14
Bit 13
Bit 12
Enable
FPU exception
enable field
None
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Flag
FPU exception flag
field
None
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Note:
No FPU error occurs in the SH2A-FPU.
3.3.3
Floating-Point Communication Register (FPUL)
Information is transferred between the FPU and CPU via FPUL. FPUL is a 32-bit system register
that is accessed from the CPU side by means of LDS and STS instructions. For example, to
convert the integer stored in general register R1 to a single-precision floating-point number, the
processing flow is as follows:
R1
→ (LDS instruction) → FPUL → (single-precision FLOAT instruction) → FR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com