Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7261 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 116Page - Renesas Technology Corp SH7261 Datasheet HTML 117Page - Renesas Technology Corp SH7261 Datasheet HTML 118Page - Renesas Technology Corp SH7261 Datasheet HTML 119Page - Renesas Technology Corp SH7261 Datasheet HTML 120Page - Renesas Technology Corp SH7261 Datasheet HTML 121Page - Renesas Technology Corp SH7261 Datasheet HTML 122Page - Renesas Technology Corp SH7261 Datasheet HTML 123Page - Renesas Technology Corp SH7261 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1348 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 88 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
12
CKOEN
1
R/W
Clock Output Enable
Specifies whether a clock is output from the CKIO
pin, or whether the CKIO pin is placed in the level-
fixed state during software standby mode or
cancellation of software standby mode.
If this bit is cleared to 0, the CKIO pin is fixed at low
during software standby mode or cancellation of
software standby mode. Therefore, the malfunction of
an external circuit because of an unstable CKIO
clock during cancellation of software standby mode
can be prevented. In clock operating mode 3, the
CKIO pin functions as an input regardless of this bit
value.
0: The CKIO pin is fixed to the low level during
software standby mode or cancellation of software
standby mode.
1: Clock is output from CKIO pin (low level in
software standby mode).
11
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
10 to 8
STC[2:0]
000
R/W
Frequency Multiplication Ratio of PLL Circuit 1
000:
× 1 time
001:
× 2 times
010:
× 3 times
011:
× 4 times
100:
× 6 times
101:
× 8 times
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com