Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 509Page - Renesas Technology Corp HD6417618 Datasheet HTML 510Page - Renesas Technology Corp HD6417618 Datasheet HTML 511Page - Renesas Technology Corp HD6417618 Datasheet HTML 512Page - Renesas Technology Corp HD6417618 Datasheet HTML 513Page - Renesas Technology Corp HD6417618 Datasheet HTML 514Page - Renesas Technology Corp HD6417618 Datasheet HTML 515Page - Renesas Technology Corp HD6417618 Datasheet HTML 516Page - Renesas Technology Corp HD6417618 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 646 page
background image
Section 18 User Break Controller (UBC)
Rev. 6.00 Jun. 12, 2007 Page 481 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
6
PCBB
0
R/W
PC Break Select B
Selects the break timing of the instruction fetch cycle for
channel B as before or after instruction execution.
0: PC break of channel B is set before instruction
execution
1: PC break of channel B is set after instruction
execution
5, 4
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
SEQ
0
R/W
Sequence Condition Select
Selects two conditions of channels A and B as
independent or sequential conditions.
0: Channels A and B are compared under independent
conditions
1: Channels A and B are compared under sequential
conditions (channel A, then channel B)
2, 1
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
0
ETBE
0
R/W
Number of Execution Times Break Enable
Enables the execution-times break condition only on
channel B. If this bit is 1 (break enable), a user break is
issued when the number of break conditions matches
with the number of execution times that is specified by
BETR.
0: The execution-times break condition is disabled on
channel B
1: The execution-times break condition is enabled on
channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com